Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 23 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 23 Page - SPANSION

Back Button S71GS256 Datasheet HTML 19Page - SPANSION S71GS256 Datasheet HTML 20Page - SPANSION S71GS256 Datasheet HTML 21Page - SPANSION S71GS256 Datasheet HTML 22Page - SPANSION S71GS256 Datasheet HTML 23Page - SPANSION S71GS256 Datasheet HTML 24Page - SPANSION S71GS256 Datasheet HTML 25Page - SPANSION S71GS256 Datasheet HTML 26Page - SPANSION S71GS256 Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 195 page
background image
December 15, 2004 S29GLxxxN_MCP_A1
S29GLxxxN MirrorBitTM Flash Family
23
Ad vance
Info rmat i o n
Device Bus Operations
This section describes the requirements and use of the device bus operations,
which are initiated through the internal command register. The command register
itself does not occupy any addressable memory location. The register is a latch
used to store the commands, along with the address and data information
needed to execute the command. The contents of the register serve as inputs to
the internal state machine. The state machine outputs dictate the function of the
device. Table 1 lists the device bus operations, the inputs and control levels they
require, and the resulting output. The following subsections describe each of
these operations in further detail.
Table 1. Device Bus Operations
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 11.5–12.5V, X = Don’t Care, SA = Sector
Address, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are AMax:A0 in word mode. Sector addresses are AMax:A16 in both modes.
2. If WP# = VIL, the first or last sector group remains protected. If WP# = VIH, the first or last sector will be
protected or unprotected as determined by the method described in “Write Protect (WP#)”. All sectors are
unprotected when shipped from the factory (The Secured Silicon Sector may be factory protected depending
on version ordered.)
3. DIN or DOUT as required by command sequence, data polling, or sector protect algorithm (see Figure 2, Figure 4, and
Figure 5).
VersatileIOTM (VIO) Control
The VersatileIOTM (VIO) control allows the host system to set the voltage levels
that the device generates and tolerates on CE# and DQ I/Os to the same voltage
level that is asserted on VIO. See Ordering Information for VIO options on this
device.
For example, a VI/O of 1.65 V to 3.6 V allows for I/O at the 1.8 or 3 volt levels,
driving and receiving signals to and from other 1.8-V or 3-V devices on the same
data bus.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the CE# and OE#
pins to VIL. CE# is the power control and selects the device. OE# is the output
control and gates array data to the output pins. WE# should remain at VIH.
The internal state machine is set for reading array data upon device power-up,
or after a hardware reset. This ensures that no spurious alteration of the memory
Operation
CE#
OE#
WE#
RESET#
WP#/
ACC
Addresses
(Note 1)
DQ0–DQ15
Read
L
L
H
H
X
AIN
DOUT
Write (Program/Erase)
L
H
L
H
Note 2
AIN
(Note 3)
Accelerated Program
L
H
L
H
VHH
AIN
(Note 3)
Standby
VCC ± 0.3 V
X
X
VCC ±
0.3 V
HX
High-Z
Output Disable
L
H
H
H
X
X
High-Z
Reset
X
X
X
L
X
X
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com