Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 2 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 2 Page - SPANSION

  S71GS256 Datasheet HTML 1Page - SPANSION S71GS256 Datasheet HTML 2Page - SPANSION S71GS256 Datasheet HTML 3Page - SPANSION S71GS256 Datasheet HTML 4Page - SPANSION S71GS256 Datasheet HTML 5Page - SPANSION S71GS256 Datasheet HTML 6Page - SPANSION S71GS256 Datasheet HTML 7Page - SPANSION S71GS256 Datasheet HTML 8Page - SPANSION S71GS256 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 195 page
background image
2
S71GS256/128N based MCPs
S71GS256/128N_00_A0 December 17, 2004
Advan ce
In form ati o n
Product Selector Guide
Part Number
S71GS256NC0
Speed/Voltage Option
Full Voltage Range
VCC = 2.7 V to 3.1 V (Flash)
VIO = 1.65 V to 1.95 V (Flash)
VCC = 1.7 V to 1.95 V (pSRAM)
Flash
pSRAM
Max. Access Time (ns)
110
70
Max. CE# Access Time (ns)
110
70
Max. Page Access Time (tpacc)
30
25
Max. OE# Access Time (ns)
30
25
Part Number
S71GS128NB0
Speed/Voltage Option
Full Voltage Range
VCC = 2.7 V to 3.1 V (Flash)
VIO = 1.65 V to 1.95 V (Flash)
VCC = 1.7 V to 1.95 V (pSRAM)
Flash
pSRAM
Max. Access Time (ns)
110
70
Max. CE# Access Time (ns)
110
70
Max. Page Access Time (tpacc)
30
25
Max. OE# Access Time (ns)
30
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com