Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 103 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 103 Page - SPANSION

Back Button S71GS256 Datasheet HTML 99Page - SPANSION S71GS256 Datasheet HTML 100Page - SPANSION S71GS256 Datasheet HTML 101Page - SPANSION S71GS256 Datasheet HTML 102Page - SPANSION S71GS256 Datasheet HTML 103Page - SPANSION S71GS256 Datasheet HTML 104Page - SPANSION S71GS256 Datasheet HTML 105Page - SPANSION S71GS256 Datasheet HTML 106Page - SPANSION S71GS256 Datasheet HTML 107Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
103
Ad vance
Info rmat i o n
CellularRAM Type 2
128/64/32 Megabit
Burst CellularRAM
Features
Single device supports asynchronous, page, and burst operations
VCC Voltages
— 1.70V–1.95V VCC
Random Access Time: 70ns
Burst Mode Write Access
—Continuous burst
Burst Mode Read Access
— 4, 8, or 16 words, or continuous burst
Page Mode Read Access
— Sixteen-word page size
— Interpage read access: 70ns
— Intrapage read access: 20ns
Low Power Consumption
— Asynchronous READ < 25mA
— Intrapage READ < 15mA
— Initial access, burst READ < 35mA
— Continuous burst READ < 11mA
— Standby: 180µA
— Deep power-down < 10µA
Low-Power Features
— Temperature Compensated Refresh (TCR) On-chip sensor control
— Partial Array Refresh (PAR)
— Deep Power-Down (DPD) Mode
General Description
CellularRAM™ products are high-speed, CMOS dynamic random access memories
developed for low-power, portable applications. These devices include an industry
standard burst mode Flash interface that dramatically increases read/write band-
width compared with other low-power SRAM or Pseudo SRAM offerings.
To operate smoothly on a burst Flash bus, CellularRAM products incorporate a
transparent self-refresh mechanism. The hidden refresh requires no additional
support from the system memory controller and has no significant impact on de-
vice read/write performance.
Two user-accessible control registers define device operation. The bus configura-
tion register (BCR) defines how the CellularRAM device interacts with the system
memory bus and is nearly identical to its counterpart on burst mode Flash de-
vices. The refresh configuration register (RCR) is used to control how refresh is
performed on the DRAM array. These registers are automatically loaded with de-
fault settings during power-up and can be updated anytime during normal
operation.
Special attention has been focused on standby current consumption during self
refresh. CellularRAM products include three mechanisms to minimize standby
current. Partial array refresh (PAR) enables the system to limit refresh to only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com