Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 104 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 104 Page - SPANSION

Back Button S71GS256 Datasheet HTML 100Page - SPANSION S71GS256 Datasheet HTML 101Page - SPANSION S71GS256 Datasheet HTML 102Page - SPANSION S71GS256 Datasheet HTML 103Page - SPANSION S71GS256 Datasheet HTML 104Page - SPANSION S71GS256 Datasheet HTML 105Page - SPANSION S71GS256 Datasheet HTML 106Page - SPANSION S71GS256 Datasheet HTML 107Page - SPANSION S71GS256 Datasheet HTML 108Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 195 page
background image
104
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
that part of the DRAM array that contains essential data. Temperature compen-
sated refresh (TCR) adjusts the refresh rate to match the device temperature—
the refresh rate decreases at lower temperatures to minimize current consump-
tion during standby. Deep power-down (DPD) enables the system to halt the
refresh operation altogether when no vital information is stored in the device. The
system-configurable refresh mechanisms are accessed through the RCR.
Note: Functional block diagrams illustrate simplified device operation. See truth table, ball descriptions, and timing di-
agrams for detailed information.
Figure 21. Functional Block Diagram
128M: A[22:0]
64M: A[21:0]
32M: A[20:0]
Input/
Output
MUX
and
Buffers
Control
Logic
DRAM
MEMORY
ARRAY
CE#
WE#
OE#
CLK
ADV#
CRE
WAIT
LB#
UB#
DQ[7:0]
DQ[15:8]
Address Decode
Logic
Refresh Configuration
Register (RCR)
Bus Configuration
Register (BCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com