Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393 Datasheet(PDF) 34 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 30Page - Analog Devices ADV7393 Datasheet HTML 31Page - Analog Devices ADV7393 Datasheet HTML 32Page - Analog Devices ADV7393 Datasheet HTML 33Page - Analog Devices ADV7393 Datasheet HTML 34Page - Analog Devices ADV7393 Datasheet HTML 35Page - Analog Devices ADV7393 Datasheet HTML 36Page - Analog Devices ADV7393 Datasheet HTML 37Page - Analog Devices ADV7393 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 34 of 96
Table 23. Register 0x80 to Register 0x83
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0
0
NTSC
0x10
0
1
PAL B, PAL D, PAL G, PAL H, PAL I
1
0
PAL M
SD Standard.
1
1
PAL N
0
0
0
LPF NTSC
0
0
1
LPF PAL
0
1
0
Notch NTSC
0
1
1
Notch PAL
1
0
0
Luma SSAF
1
0
1
Luma CIF
1
1
0
Luma QCIF
SD Luma Filter.
1
1
1
Reserved
0
0
0
1.3 MHz
0
0
1
0.65 MHz
0
1
0
1.0 MHz
0
1
1
2.0 MHz
1
0
0
Reserved
1
0
1
Chroma CIF
1
1
0
Chroma QCIF
0x80
SD Mode
Register 1
SD Chroma Filter.
1
1
1
3.0 MHz
0
Disabled
SD PrPb SSAF Filter.
1
Enabled
0x0B
0
SD DAC Output 1.
1
Refer to
Table 32 in the Output
Configuration section
Reserved.
0
0
Disabled
SD Pedestal.
1
Enabled
0
Disabled
SD Square Pixel Mode.
1
Enabled
0
Disabled
SD VCR FF/RW Sync.
1
Enabled
0
Disabled
SD Pixel Data Valid.
1
Enabled
0
Disabled
0x82
SD Mode
Register 2
SD Active Video Edge
Control.
1
Enabled
0
No pedestal on YPrPb
SD Pedestal YPrPb Output.
1
7.5 IRE pedestal on YPrPb
0x04
0
Y = 700 mV/300 mV
SD Output Levels Y.
1
Y = 714 mV/286 mV
0
0
700 mV p-p (PAL), 1000 mV p-p (NTSC)
0
1
700 mV p-p
1
0
1000 mV p-p
SD Output Levels PrPb.
1
1
648 mV p-p
0
Disabled
SD Vertical Blanking
Interval (VBI) Open.
1
Enabled
0
0
Closed captioning disabled
0
1
Closed captioning on odd field only
1
0
Closed captioning on even field only
SD Closed Captioning
Field Control.
1
1
Closed captioning on both fields
0x83
SD Mode
Register 3
Reserved.
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com