Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393 Datasheet(PDF) 96 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 96 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 88Page - Analog Devices ADV7393 Datasheet HTML 89Page - Analog Devices ADV7393 Datasheet HTML 90Page - Analog Devices ADV7393 Datasheet HTML 91Page - Analog Devices ADV7393 Datasheet HTML 92Page - Analog Devices ADV7393 Datasheet HTML 93Page - Analog Devices ADV7393 Datasheet HTML 94Page - Analog Devices ADV7393 Datasheet HTML 95Page - Analog Devices ADV7393 Datasheet HTML 96Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 96 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 96 of 96
ORDERING GUIDE
Model
Temperature Range
Macrovision1
Anti-Taping
Package Description
Package Option
ADV7390BCPZ2
−40°C to +85°C
Yes
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
ADV7390BCPZ-REEL2
−40°C to +85°C
Yes
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
ADV7391BCPZ2
−40°C to +85°C
No
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
ADV7391BCPZ-REEL2
−40°C to +85°C
No
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
ADV7392BCPZ2
−40°C to +85°C
Yes
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-40
ADV7392BCPZ-REEL2
−40°C to +85°C
Yes
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-40
ADV7393BCPZ2
−40°C to +85°C
No
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-40
ADV7393BCPZ-REEL2
−40°C to +85°C
No
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-40
EVAL-ADV739xFEZ2, 3
N/A
ADV739x Evaluation Platform Front-End Board.
EVAL-ADV7390EBZ2
Yes
ADV7390 Evaluation Board
EVAL-ADV7391EBZ2
No
ADV7391 Evaluation Board
EVAL-ADV7392EBZ2
Yes
ADV7392 Evaluation Board
EVAL-ADV7393EBZ2
No
ADV7393 Evaluation Board
1 Macrovision-enabled ICs require the buyer to be an approved licensee (authorized buyer) of ICs that are able to output Macrovision Rev 7.1.L1-compliant video.
2 Z = Pb-free.
3 To be used in conjunction with any one of the ADV793x evaluation boards; this front-end board contains an Analog Devices decoder and Xilinx Spartan-3 FPGA.
Purchase of licensed
I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C
Patent Rights to use these components in an
I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06234-0-10/06(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com