Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 1 Page - Analog Devices

  ADV7393 Datasheet HTML 1Page - Analog Devices ADV7393 Datasheet HTML 2Page - Analog Devices ADV7393 Datasheet HTML 3Page - Analog Devices ADV7393 Datasheet HTML 4Page - Analog Devices ADV7393 Datasheet HTML 5Page - Analog Devices ADV7393 Datasheet HTML 6Page - Analog Devices ADV7393 Datasheet HTML 7Page - Analog Devices ADV7393 Datasheet HTML 8Page - Analog Devices ADV7393 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
Low Power, Chip Scale
10-Bit SD/HD Video Encoder
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
3 high quality, 10-bit video DACs
16× (216 MHz) DAC oversampling for SD
8× (216 MHz) DAC oversampling for ED
4× (297 MHz) DAC oversampling for HD
37 mA maximum DAC output current
Multiformat video input support
4:2:2 YCrCb (SD, ED, and HD)
4:4:4 RGB (SD)
Multiformat video output support
Composite (CVBS) and S-Video (Y/C)
Component YPrPb (SD, ED, and HD)
Component RGB (SD, ED, and HD)
Lead frame chip scale package (LFCSP) options
32-lead, 5 mm × 5 mm LFCSP
40-lead, 6 mm × 6 mm LFCSP
Advanced power management
Patented content-dependent low power DAC operation
Automatic cable detection and DAC power-down
Individual DAC on/off control
Sleep mode with minimal power consumption
74.25 MHz 8-/10-/16-bit high definition input support
Compliant with SMPTE 274M (1080i), 296M (720p),
and 240M (1035i)
EIA/CEA-861B compliance support
NTSC M, PAL B/D/G/H/I/M/N, PAL 60 support
NTSC and PAL square pixel operation (24.54 MHz/29.5 MHz)
Macrovision® Rev 7.1.L1 (SD) and Rev 1.2 (ED) compliant
Programmable features
Luma and chroma filter responses
Vertical blanking interval (VBI)
Subcarrier frequency (FSC) and phase
Luma delay
Copy generation management system (CGMS)
Closed captioning and wide screen signaling (WSS)
Integrated subcarrier locking to external video source
Complete on-chip video timing generator
On-chip test pattern generation
Serial MPU interface with dual I2C® and SPI® compatibility
2.7 V or 3.3 V analog operation
1.8 V digital operation
3.3 V I/O operation
Temperature range: −40°C to +85°C
APPLICATIONS
Mobile handsets
Digital still cameras
Portable media and DVD players
Portable game consoles
Digital camcorders
Set-top box (STB)
Automotive infotainment (ADV7393 only)
FUNCTIONAL BLOCK DIAGRAM
GND_IO
VDD_IO
P15 TO P0/
P7 TO P0
RESET
HSYNC
VSYNC
10-BIT
DAC 1
DAC 1
10-BIT
DAC 2
DAC 2
10-BIT
DAC 3
DAC 3
REFERENCE
AND CABLE
DETECT
16x/4x OVERSAMPLING PLL
VIDEO TIMING GENERATOR
POWER
MANAGEMENT
CONTROL
CLKIN PVDD PGND EXT_LF
COMP
RSET
PROGRAMMABLE
ED/HD FILTERS
SHARPNESS AND
ADAPTIVE FILTER
CONTROL
YCrCb
HDTV
TEST
PATTERN
GENERATOR
YCbCr
TO
RGB MATRIX
ASYNC
BYPASS
DGND (2)
VDD (2)
SCL/
MOSI
SDA/
SCLK
ALSB/
SPI_SS
SFL/
MISO
MPU PORT
SUBCARRIER FREQUENCY
LOCK (SFL)
YUV
TO
YCrCb/
RGB
PROGRAMMABLE
CHROMINANCE
FILTER
ADD
BURST
RGB/YCrCb
TO
YUV
MATRIX
4:2:2 TO 4:4:4
INPUT
DEINTERLEAVE
SIN/COS DDS
BLOCK
16×
FILTER
16×
FILTER
4×
FILTER
AGND
VAA
ADD
SYNC
VBI DATA SERVICE
INSERTION
PROGRAMMABLE
LUMINANCE
FILTER
ADV739x
Figure 1.
Protected by U.S. Patent Numbers 5,343,196 and 5,442,355 and other intellectual property rights.
Protected by U.S. Patent Numbers 4,631,603, 4,577,216, 4,819,098, and other intellectual property rights.


Similar Part No. - ADV7393

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
More results

Similar Description - ADV7393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
HD/SD Multi Format Video Encoder with 3ch DAC
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
HD/SD Multi Format Video Encoder with 3ch DAC
logo
Analog Devices
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
logo
M/A-COM Technology Solu...
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
3G/HD/SD-SDI Low Power Quad Video Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com