Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393 Datasheet(PDF) 65 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 61Page - Analog Devices ADV7393 Datasheet HTML 62Page - Analog Devices ADV7393 Datasheet HTML 63Page - Analog Devices ADV7393 Datasheet HTML 64Page - Analog Devices ADV7393 Datasheet HTML 65Page - Analog Devices ADV7393 Datasheet HTML 66Page - Analog Devices ADV7393 Datasheet HTML 67Page - Analog Devices ADV7393 Datasheet HTML 68Page - Analog Devices ADV7393 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 65 of 96
TYPICAL APPLICATION CIRCUIT
P0
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P11
P12
P13
P14
P15
DGND
PGND
DGND
PGND
0.1µF
GND_IO
0.01µF
GND_IO
33µF
GND_IO
10µF
GND_IO
FERRITE BEAD
VDD_IO
VDD_IO POWER
SUPPLY
DECOUPLING
0.1µF
PGND
0.01µF
PGND
33µF
PGND
10µF
PGND
FERRITE BEAD
PVDD
PVDD POWER
SUPPLY
DECOUPLING
0.1µF
AGND
0.01µF
AGND
33µF
AGND
10µF
AGND
FERRITE BEAD
VAA
VAA POWER
SUPPLY
DECOUPLING
0.1µF
DGND
0.01µF
DGND
33µF
10µF
DGND
FERRITE BEAD
VDD
VDD POWER SUPPLY
DECOUPLING FOR
EACH POWER PIN
ADV739x
HSYNC
VSYNC
CLKIN
AGND
AGND
DGND
DGND
GND_IO
GND_IO
RSET
AGND
510Ω
DAC 1
DAC 2
DAC 3
AGND
75Ω
AGND
75Ω
AGND
75Ω
DAC 1
DAC 2
DAC 3
COMP
VAA
2.2nF
EXT_LF
12nF
150nF
170Ω
PVDD
SDA/SCLK
SCL/MOSI
SFL/MISO
ALSB/SPI_SS
RESET
PIXEL PORT INPUTS
CONTROL
INPUTS/OUTPUTS
CLOCK INPUT
MPU PORT
INPUTS/OUTPUTS
DAC 1
DAC 1
DAC 3
DGND
DACs 1 TO 3 LOW DRIVE OPTION
RSET
AGND
4.12kΩ
EXTERNAL LOOP FILTER
LOOP FILTER COMPONENTS
SHOULD BE LOCATED
CLOSE TO THE EXT_LF
PIN AND ON THE
SAME SIDE OF THE PCB
AS THE ADV739x.
NOTES
1. FOR OPTIMUM PERFORMANCE, EXTERNAL COMPONENTS CONNECTED
TO THE COMP, RSET AND DAC OUTPUT PINS SHOULD BE LOCATED
CLOSE TO, AND ON THE SAME SIDE OF THE PCB AS THE ADV739x.
2. WHEN OPERATING IN I2C MODE, THE I2C DEVICE ADDRESS IS
CONFIGURABLE USING THE ALSB/SPI_SS PIN:
ALSB/SPI_SS = 0, I2C DEVICE ADDRESS = 0xD4 OR 0x54
ALSB/SPI_SS = 1, I2C DEVICE ADDRESS = 0xD6 OR 0x56
3. THE RESISTOR CONNECTED TO THE RSET PIN SHOULD HAVE A 1%
TOLERANCE.
4. THE RECOMMENDED MODE OF OPERATION FOR THE DACs IS FULL-
DRIVE (RSET = 510Ω, RL = 37.5Ω).
DACs 1 TO 3 FULL DRIVE OPTION
(RECOMMENDED)
75Ω
AGND
300Ω
ADA4411-3
DAC 2
1µF
AGND
OPTIONAL LPF
OPTIONAL LPF
OPTIONAL LPF
ADV7392/
ADV7393
ONLY
LPF
DAC 2
75Ω
AGND
300Ω
ADA4411-3
LPF
DAC 3
75Ω
AGND
300Ω
ADA4411-3
LPF
Figure 92. ADV739x Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com