Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393 Datasheet(PDF) 46 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 42Page - Analog Devices ADV7393 Datasheet HTML 43Page - Analog Devices ADV7393 Datasheet HTML 44Page - Analog Devices ADV7393 Datasheet HTML 45Page - Analog Devices ADV7393 Datasheet HTML 46Page - Analog Devices ADV7393 Datasheet HTML 47Page - Analog Devices ADV7393 Datasheet HTML 48Page - Analog Devices ADV7393 Datasheet HTML 49Page - Analog Devices ADV7393 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 46 of 96
ED/HD TIMING RESET
Subaddress 0x34, Bit 0
An ED/HD timing reset is achieved by setting the ED/HD
timing reset control bit (Subaddress 0x34, Bit 0) to 1. In this
state, the horizontal and vertical counters remain reset. When
this bit is set back to 0, the internal counters resume counting.
This timing reset applies to the ED/HD timing counters only.
SD SUBCARRIER FREQUENCY LOCK, SUBCARRIER
RESET, AND TIMING RESET
Subaddress 0x84, Bits[2:1]
Together with the SFL/MISO pin and SD Mode Register 4
(Subaddress 0x84, Bits[2:1]), the ADV739x can be used in
timing reset mode, subcarrier phase reset mode, or SFL mode.
•
In timing reset (TR) mode (Subaddress 0x84, Bits[2:1] = 10),
a timing reset is achieved in a low-to-high transition on the
SFL/MISO pin. In this state, the horizontal and vertical
counters remain reset. Upon releasing this pin (set to low),
the internal counters resume counting, starting with Field 1,
and the subcarrier phase is reset.
The minimum time the pin must be held high is one clock
cycle; otherwise, this reset signal may not be recognized.
This timing reset applies to the SD timing counters only.
•
In subcarrier reset (SCR) mode (Subaddress 0x84, Bits[2:1]
= 01), a low-to-high transition on the SFL/MISO pin resets
the subcarrier phase to 0 on the field following the
subcarrier phase reset.
This reset signal must be held high for a minimum of one
clock cycle.
Because the field counter is not reset, it is recommended to
apply the reset signal in Field 7 (PAL) or Field 3 (NTSC).
The reset of the phase then occurs on the next field, that is,
Field 1, which is lined up correctly with the internal
counters. The field count register at Subaddress 0xBB can
be used to identify the number of the active field.
•
In subcarrier frequency lock (SFL) mode (Subaddress 0x84,
Bits[2:1] = 11), the ADV739x can be used to lock to an
external video source. The SFL mode allows the ADV739x
to automatically alter the subcarrier frequency to compensate
for line length variations. When the part is connected to a
device such as an ADV7403 video decoder that outputs a
digital data stream in the SFL format, the part automatically
changes to the compensated subcarrier frequency on a
line-by-line basis (see Figure 64). This digital data stream is
67 bits wide and the subcarrier is contained in Bit 0 to Bit
21. Each bit is two clock cycles long.
DISPLAY
NO TIMING RESET APPLIED
TIMING RESET APPLIED
START OF FIELD 4 OR 8
FSC PHASE = FIELD 4 OR 8
FSC PHASE = FIELD 1
TIMING RESET PULSE
307
310
307
12
345
67
21
313
320
DISPLAY
START OF FIELD 1
Figure 62. SD Timing Reset Timing Diagram (Subaddress 0x84, Bits [2:1] = 10)
NO FSC RESET APPLIED
FSC PHASE = FIELD 4 OR 8
307
310
313
320
DISPLAY
START OF FIELD 4 OR 8
FSC RESET APPLIED
FSC RESET PULSE
FSC PHASE = FIELD 1
307
310
313
320
DISPLAY
START OF FIELD 4 OR 8
Figure 63. SD Subcarrier Phase Reset Timing Diagram (Subaddress 0x84, Bits [2:1] = 01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com