Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393 Datasheet(PDF) 25 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 21Page - Analog Devices ADV7393 Datasheet HTML 22Page - Analog Devices ADV7393 Datasheet HTML 23Page - Analog Devices ADV7393 Datasheet HTML 24Page - Analog Devices ADV7393 Datasheet HTML 25Page - Analog Devices ADV7393 Datasheet HTML 26Page - Analog Devices ADV7393 Datasheet HTML 27Page - Analog Devices ADV7393 Datasheet HTML 28Page - Analog Devices ADV7393 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 25 of 96
REGISTER MAP
A microprocessor can read from or write to all registers of the
ADV739x via the MPU port, except for registers that are
specified as read-only or write-only registers.
The subaddress register determines the register accessed by the
next read or write operation. All communication through the
MPU port starts with an access to the subaddress register. A
read/write operation is then performed from/to the target
address, incrementing to the next address until the transaction
is complete.
REGISTER PROGRAMMING
Table 13 to Table 27 describe the functionality of each register.
All registers can be read from as well as written to, unless
otherwise stated.
SUBADDRESS REGISTER (SR7 TO SR0)
The subaddress register is an 8-bit write-only register. After the
MPU port is accessed and a read/write operation is selected, the
subaddress is set up. The subaddress register determines which
register performs the next operation.
Table 13. Register 0x00
SR7 to
Bit Number
Register
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Setting
Value
0
Sleep
mode off.
0x12
Sleep Mode. With this control enabled, the current consumption is
reduced to μA level. All DACs and the internal PLL circuit are
disabled. Registers can be read from and written to in sleep mode.
1
Sleep
mode on.
0
PLL on.
PLL and Oversampling Control. This control allows the internal PLL
circuit to be powered down and the oversampling to be switched off.
1
PLL off.
0
DAC 3 off.
DAC 3: Power on/off.
1
DAC 3 on.
0
DAC 2 off.
DAC 2: Power on/off.
1
DAC 2 on.
0
DAC 1 off.
DAC 1: Power on/off.
1
DAC 1 on.
0x00
Power
Mode
Register
Reserved.
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com