Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393 Datasheet(PDF) 85 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 81Page - Analog Devices ADV7393 Datasheet HTML 82Page - Analog Devices ADV7393 Datasheet HTML 83Page - Analog Devices ADV7393 Datasheet HTML 84Page - Analog Devices ADV7393 Datasheet HTML 85Page - Analog Devices ADV7393 Datasheet HTML 86Page - Analog Devices ADV7393 Datasheet HTML 87Page - Analog Devices ADV7393 Datasheet HTML 88Page - Analog Devices ADV7393 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 85 of 96
Table 61. 8-Bit 525i YCrCb In, YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x80
0x10
NTSC standard. SSAF luma filter
enabled. 1.3 MHz chroma filter enabled.
0x82
0xC9
Pixel data valid. YPrPb out. SSAF PrPb
filter enabled. Active video edge
control enabled. Pedestal enabled.
0x8A
0x0C
Timing Mode 2 (Slave). HSYNC/VSYNC
synchronization.
Table 62. 8-Bit 525i YCrCb In (EAV/SAV), RGB Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x02
0x10
RGB output enabled. RGB output sync
enabled.
0x80
0x10
NTSC standard. SSAF luma filter
enabled. 1.3 MHz chroma filter enabled.
0x82
0xC9
Pixel data valid. YPrPb out. SSAF PrPb
filter enabled. Active video edge
control enabled. Pedestal enabled.
Table 63. 8-Bit 525i YCrCb In, RGB Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x02
0x10
RGB output enabled. RGB output sync
enabled.
0x80
0x10
NTSC standard. SSAF luma filter
enabled. 1.3 MHz chroma filter enabled.
0x82
0xC9
Pixel data valid. YPrPb out. SSAF PrPb
filter enabled. Active video edge
control enabled. Pedestal enabled.
0x8A
0x0C
Timing Mode 2 (Slave). HSYNC/VSYNC
synchronization.
Table 64. 10-Bit 525i YCrCb In (EAV/SAV), YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x80
0x10
NTSC standard. SSAF luma filter
enabled. 1.3 MHz chroma filter enabled.
0x82
0xC9
Pixel data valid. YPrPb out. SSAF PrPb
filter enabled. Active video edge
control enabled. Pedestal enabled.
0x88
0x10
10-bit input enabled.
Table 65. 10-Bit 525i YCrCb In, YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x80
0x10
NTSC standard. SSAF luma filter
enabled. 1.3 MHz chroma filter enabled.
0x82
0xC9
Pixel data valid. YPrPb out. SSAF PrPb
filter enabled. Active video edge
control enabled. Pedestal enabled.
0x88
0x10
10-bit input enabled.
0x8A
0x0C
Timing Mode 2 (Slave). HSYNC/VSYNC
synchronization.
Table 66. 10-Bit 525i YCrCb In, CVBS/Y-C Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x80
0x10
NTSC standard. SSAF luma filter
enabled. 1.3 MHz chroma filter enabled.
0x82
0xCB
Pixel data valid. CVBS/S-Video out. SSAF
PrPb filter enabled. Active video edge
control enabled. Pedestal enabled.
0x88
0x10
10-bit input enabled.
0x8A
0x0C
Timing Mode 2 (Slave). HSYNC/VSYNC
synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com