Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393 Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 12Page - Analog Devices ADV7393 Datasheet HTML 13Page - Analog Devices ADV7393 Datasheet HTML 14Page - Analog Devices ADV7393 Datasheet HTML 15Page - Analog Devices ADV7393 Datasheet HTML 16Page - Analog Devices ADV7393 Datasheet HTML 17Page - Analog Devices ADV7393 Datasheet HTML 18Page - Analog Devices ADV7393 Datasheet HTML 19Page - Analog Devices ADV7393 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 16 of 96
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VDD_IO
2
P2
3
P3
4
P4
5
VDD
6
DGND
7
P5
8
P6
24 RSET
23 COMP
22 DAC 1
21 DAC 2
20 DAC 3
19 VAA
18 AGND
17 PVDD
TOP VIEW
(Not to Scale)
ADV7390/
ADV7391
Figure 17. ADV7390/ADV7391 Pin Configuration
TOP VIEW
(Not to Scale)
ADV7392/
ADV7393
PIN 1
INDICATOR
1
VDD_IO
2
P4
3
P5
4
P6
5
P7
6
VDD
7
DGND
8
P8
9
P9
10
P10
23 PVDD
24 AGND
25 VAA
26 DAC 3
27 DAC 2
28 DAC 1
29 COMP
30 RSET
22 EXT_LF
21 PGND
Figure 18. ADV7392/ADV7393 Pin Configuration
Table 12. Pin Function Descriptions
Pin Number
ADV7390/91
ADV7392/93
Mnemonic
Input/
Output
Description
9 to 7, 4 to 2,
31, 30
P7 to P0
I
8-Bit Pixel Port (P7 to P0). P0 is the LSB. Refer to Table 30 for input
modes (ADV7390/ADV7391).
18 to 15, 11 to 8, 5
to 2, 39 to 37, 34
P15 to P0
I
16-Bit Pixel Port (P15 to P0). P0 is the LSB. Refer to Table 31 for input
modes (ADV7392/ADV7393).
13
19
CLKIN
I
Pixel Clock Input for HD (74.25 MHz), ED1 (27 MHz or 54 MHz), or
SD (27 MHz).
27
33
HSYNC
I/O
Horizontal Synchronization Signal. This pin can also be configured to
output an SD, ED, or HD horizontal synchronization signal. See the
External Horizontal and Vertical Synchronization Control section.
26
32
VSYNC
I/O
Vertical Synchronization Signal. This pin can also be configured to
output an SD, ED, or HD vertical synchronization signal. See the
External Horizontal and Vertical Synchronization Control section.
25
31
SFL/MISO
I/O
Multifunctional Pin: Subcarrier Frequency Lock (SFL) Input/SPI Data
Output (MISO). The SFL input is used to drive the color subcarrier
DDS system, timing reset, or subcarrier reset.
24
30
RSET
I
Controls the amplitudes of the DAC 1, DAC 2, and DAC 3 outputs. For
full-drive operation (for example, into a 37.5 Ω load), a 510 Ω resistor
must be connected from RSET to AGND. For low drive operation (for
example, into a 300 Ω load), a 4.12 kΩ resistor must be connected
from RSET to AGND.
23
29
COMP
O
Compensation Pin. Connect a 2.2 nF capacitor from COMP to VAA.
22, 21, 20
28, 27, 26
DAC 1, DAC 2, DAC 3
O
DAC Outputs. Full-drive and low-drive capable DACs.
12
14
SCL/MOSI
I
Multifunctional Pin: I2C Clock Input/SPI Data Input.
11
13
SDA/SCLK
I/O
Multifunctional Pin: I2C Data Input/Output. Also, SPI clock input.
10
12
ALSB/SPI_SS
I
Multifunctional Pin: ALSB sets up the LSB2 of the MPU I2C
address/SPI slave select (SPI_SS).
14
20
RESET
I
Resets the on-chip timing generator and sets the ADV739x into its
default mode.
19
25
VAA
P
Analog Power Supply (3.3 V).
5, 28
6, 35
VDD
P
Digital Power Supply (1.8 V). For dual-supply configurations, VDD can
be connected to other 1.8 V supplies through a ferrite bead or
suitable filtering.
1
1
VDD_IO
P
Input/Output Digital Power Supply (3.3 V).
17
23
PVDD
P
PLL Power Supply (1.8 V). For dual-supply configurations, PVDD can
be connected to other 1.8 V supplies through a ferrite bead or
suitable filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com