Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 4Page - Analog Devices ADV7393 Datasheet HTML 5Page - Analog Devices ADV7393 Datasheet HTML 6Page - Analog Devices ADV7393 Datasheet HTML 7Page - Analog Devices ADV7393 Datasheet HTML 8Page - Analog Devices ADV7393 Datasheet HTML 9Page - Analog Devices ADV7393 Datasheet HTML 10Page - Analog Devices ADV7393 Datasheet HTML 11Page - Analog Devices ADV7393 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 8 of 96
VIDEO PERFORMANCE SPECIFICATIONS
Table 8.
Parameter
Conditions
Min
Typ
Max
Unit
STATIC PERFORMANCE
Resolution
10
Bits
Integral Nonlinearity (INL)1
RSET = 510 Ω, RL = 37.5 Ω
0.5
LSBs
Differential Nonlinearity (DNL)1, 2
RSET = 510 Ω, RL = 37.5 Ω
0.5
LSBs
STANDARD DEFINTION (SD) MODE
Luminance Nonlinearity
0.5
±%
Differential Gain
NTSC
0.5
%
Differential Phase
NTSC
0.6
Degrees
Signal-to-Noise Ratio (SNR)3
Luma ramp
58
dB
Flat field full bandwidth
75
dB
ENHANCED DEFINITION (ED) MODE
Luma Bandwidth
12.5
MHz
Chroma Bandwidth
5.8
MHz
HIGH DEFINITION (HD) MODE
Luma Bandwidth
30.0
MHz
Chroma Bandwidth
13.75
MHz
1 Measured on DAC 1, DAC 2, and DAC 3.
2 Differential nonlinearity (DNL) measures the deviation of the actual DAC output voltage step from the ideal. For +ve DNL, the actual step value lies above the ideal
step value. For −ve DNL, the actual step value lies below the ideal step value.
3 Measured on the ADV7392/ADV7393 operating in 10-bit input mode.
POWER SPECIFICATIONS
Table 9.
Parameter
Conditions
Min
Typ
Max
Unit
NORMAL POWER MODE1, 2
IDD3
SD (16× oversampling enabled), CVBS
33
mA
SD (16× oversampling enabled), YPrPb
68
mA
ED (8× oversampling enabled)4
59
mA
HD (4× oversampling enabled)4
81
mA
IDD_IO
1
mA
IAA5
1 DAC enabled
50
mA
All DACs enabled
122
mA
IPLL
4
mA
SLEEP MODE
IDD
5
μA
IAA
0.3
μA
IDD_IO
0.2
μA
IPLL
0.1
μA
1 RSET = 510 Ω (all DACs operating in full-drive mode).
2 75% color bar test pattern applied to pixel data pins.
3 IDD is the continuous current required to drive the digital core.
4 Applicable to both single data rate (SDR) and dual data rate (DDR) input modes.
5 IAA is the total current required to supply all DACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com