Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393 Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 45Page - Analog Devices ADV7393 Datasheet HTML 46Page - Analog Devices ADV7393 Datasheet HTML 47Page - Analog Devices ADV7393 Datasheet HTML 48Page - Analog Devices ADV7393 Datasheet HTML 49Page - Analog Devices ADV7393 Datasheet HTML 50Page - Analog Devices ADV7393 Datasheet HTML 51Page - Analog Devices ADV7393 Datasheet HTML 52Page - Analog Devices ADV7393 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 49 of 96
FILTERS
Table 38 shows an overview of the programmable filters
available on the ADV739x.
Table 38. Selectable Filters
Filter
Subaddress
SD Luma LPF NTSC
0x80
SD Luma LPF PAL
0x80
SD Luma Notch NTSC
0x80
SD Luma Notch PAL
0x80
SD Luma SSAF
0x80
SD Luma CIF
0x80
SD Luma QCIF
0x80
SD Chroma 0.65 MHz
0x80
SD Chroma 1.0 MHz
0x80
SD Chroma 1.3 MHz
0x80
SD Chroma 2.0 MHz
0x80
SD Chroma 3.0 MHz
0x80
SD Chroma CIF
0x80
SD Chroma QCIF
0x80
SD PrPb SSAF
0x82
ED/HD Sinc Compensation Filter
0x33
ED/HD Chroma SSAF
0x33
SD Internal Filter Response
Subaddress 0x80, Bits[7:2]; Subaddress 0x82, Bit 0
The Y filter supports several different frequency responses,
including two low-pass responses, two notch responses, an
extended (SSAF) response with or without gain boost
attenuation, a CIF response, and a QCIF response. The PrPb
filter supports several different frequency responses, including
six low-pass responses, a CIF response, and a QCIF response, as
shown in Figure 36 and Figure 37.
If SD Luma SSAF gain is enabled (Subaddress 0x87, Bit 4), there
are 13 response options in the range −4 dB to +4 dB. The desired
response can be programmed using Subaddress 0xA2. The
variation of frequency responses are shown in Figure 33 to
Figure 35.
In addition to the chroma filters listed in Table 38, the ADV739x
contains an SSAF filter specifically designed for the color difference
component outputs, Pr and Pb. This filter has a cutoff frequency
of ~2.7 MHz and a gain of –40 dB at 3.8 MHz (see Figure 67).
This filter can be controlled with Subaddress 0x82, Bit 0.
FREQUENCY (MHz)
0
–10
–30
–50
–60
–20
–40
6
5
4
3
2
1
0
EXTENDED (SSAF) PrPb FILTER MODE
Figure 67. PrPb SSAF Filter
If this filter is disabled, one of the chroma filters shown in
Table 39 can be selected and used for the CVBS or luma/
chroma signal.
Table 39. Internal Filter Specifications
Filter
Pass-Band
Ripple (dB)1
3 dB Bandwidth (MHz)2
Luma LPF NTSC
0.16
4.24
Luma LPF PAL
0.1
4.81
Luma Notch NTSC
0.09
2.3/4.9/6.6
Luma Notch PAL
0.1
3.1/5.6/6.4
Luma SSAF
0.04
6.45
Luma CIF
0.127
3.02
Luma QCIF
Monotonic
1.5
Chroma 0.65 MHz
Monotonic
0.65
Chroma 1.0 MHz
Monotonic
1
Chroma 1.3 MHz
0.09
1.395
Chroma 2.0 MHz
0.048
2.2
Chroma 3.0 MHz
Monotonic
3.2
Chroma CIF
Monotonic
0.65
Chroma QCIF
Monotonic
0.5
1 Pass-band ripple is the maximum fluctuation from the 0 dB response in the
pass band, measured in dB. The pass band is defined to have 0 Hz to fc (Hz)
frequency limits for a low-pass filter, and 0 Hz to f1 (Hz) and f2 (Hz) to infinity
for a notch filter, where fc, f1, and f2 are the −3 dB points.
2 3 dB bandwidth refers to the −3 dB cutoff frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com