Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 80KSW0005
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 80KSW0005 Datasheet HTML 35Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 36Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 37Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 38Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 39Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 40Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 41Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 42Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
Reads during Configuration Register Access
Reads are much like writes except that target data is not provided. When bit 0 of the data stream is 1, data shifted out will be read from the address
specified in jtag_config_addr. TDI will not be used after the address is shifted in. As a function of read latency in the architecture, the first 16 bits will be
0’s and must be ignored. The following bits will contain the actual register bits.
Figure 26 Implementation of read during configuration register access
JTAG DC Electrical Specifications
At recommended operating conditions with VDD3 = 3.3V ± 5%
Parameter
Symbol
Min
Max
Unit
Input high voltage level
VIH
2.0
VDD3(max) + 0.15
V
Input low voltage level
VIL
-0.3
0.8
V
Output high voltage (IOH = -4mA, VDD3 = Min.)
VOH
2.4
-
V
Output low voltage (IOL = 4mA, VDD3 = Min.)
VOL
-0.4
V
Input current for JTAG pins (input voltage is between
0.1 x VDD3 and 0.9 x VDD3 (max))
ILI
-30
30
uA
Capacitance for each Input pin
CIN
-8
pF
Capacitance for each I/O or Output pin
COUT
-10
pF
Table 34 JTAG DC Electrical Specifications (VDD3 = 3.3V ± 5%)
Shift_dr
Capture_dr
Shift_dr
Pause_dr
Exit1_dr
Exit2_dr
Update_dr
Exit1_dr
Exit2_dr
Pause_dr
Select_dr_scan
TAP controller
state
TDI
Address
TDO
ZZ
Z
Data
Read latency
Data 1
Internal
address
Address
Internal
data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com