Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 80KSW0005
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 80KSW0005 Datasheet HTML 15Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 16Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 17Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 18Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 19Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 20Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 21Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 22Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
19 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
I2C DC Electrical Specifications
Note that the ADS and ID pins will all run off the core (1.2V) power supply, and these pins are required to be fixed during operation. Thus, these pins
must be statically tied to the 1.2V supply or GND.
Tables 12 through 14 below list the SDA and SCL electrical specifications for F/S-mode I2C devices.
At recommended operating conditions with VDD3 = 3.3V ± 5%
At recommended operating conditions with VDD3 = 2.5V ± 100mV
Parameter
Symbol
Minimum
Maximum
Unit
Input high voltage level
VIH
0.7 x VDD3
VDD3 (MAX)+ 0.5
V
Input low voltage level
VIL
-0.5
0.3 x VDD3
V
Hysteresis of Schmitt trigger inputs:
Vhys
0.05 x VDD3
-
Low level output voltage
VOL
00.4
V
Output fall time from VIH(MIN) to VIL(MAX) with a bus
capacitance from 10pF to 400pF
tOF
20 + 0.1 x Cb
250
ns
Pulse width of spikes which must be suppressed by
the input filter
tSP
050
ns
Input current each I/O pin (input voltage is between
0.1 x VDD3 and 0.9 x VDD3 (MAX) )
II
-10
10
uA
Capacitance for each I/O pin
CI
-10
pF
Table 12 I2C SDA & SCL DC Electrical Specifications
Parameter
Symbol
Minimum
Maximum
Unit
Input high voltage level
VIH
0.7 x VDD3
VDD3 (MAX)+ 0.1
V
Input low voltage level
VIL
-0.5
0.3 x VDD3
V
Hysteresis of Schmitt trigger inputs:
Vhys
0.05 x VDD3
-
-
Low level output voltage
VOL
00.4
V
Output fall time from VIH(MIN) to VIL(MAX) with a bus
capacitance from 10pF to 400pF
tOF
20 + 0.1 x Cb
250
ns
Pulse width of spikes which must be suppressed by
the input filter
tSP
050
ns
Input current each I/O pin (input voltage is between
0.1 x VDD3 and 0.9 x VDD3 (MAX) )
II
-10
10
uA
Capacitance for each I/O pin
CI
-10
pF
Table 13 I2C SDA & SCL DC Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com