Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 80KSW0005
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 80KSW0005 Datasheet HTML 11Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 12Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 13Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 14Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 15Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 16Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 17Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 18Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
15 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
Worst power draw for the 80KSW0005 is approximately 7W total. The condition is all ports @ 3.125G under 100% switch load at the max driving
strength and all trace function are enable.
13 I2C-Bus
The CPS-10Q is compliant with the I2C specification [1]. This specification provides all functional detail and electrical specifications associated with the
I2C bus. This includes signaling, addressing, arbitration, AC timing, DC specifications, and other details.
The device supports both master mode and slave mode, it’s selected by MM pin.
The I2C bus is comprised of Serial Data (SDA) and Serial Clock (SCL) pins. It can be used to attach a CPU or a configuration memory. The I2C inter-
face supports Fast/Standard (F/S) mode (400/ 100 kHz).
I2C master mode and slave mode
The CPS-10Q devices support both master mode and slave mode. It’s selected by MM static configuration pin. Refer to the below for signaling and
operation.
I2C Device Address
The device address for the CPS-10Q is fully pin-defined by 10 external pins while in slave mode. This provides full flexibility in defining the slave
address to avoid conflicting with other I2C devices on a given bus. The device can be operated as either a 10-bit addressable device or a 7-bit
addressable device based on another external pin, address select (ADS). If the ADS pin is tied to VDD, then the CPS-10Q operates as a 10-bit
addressable device and the device address will be defined as ID[9:0]. If the ADS pin is tied to GND, then the device operates as a 7-bit addressable
device with the device address defined by ID[6:0]. The addressing mode must be established at power-up and remain static throughout operation.
Dynamic changes will result in undetermined behavior.
All of the CPS-10Q’s registers are addressable through I2C. These registers are accessed via 22-bit addresses and 32-bit word boundaries though
standard reads and writes. These registers may also be accessed through the sRIO and JTAG interfaces.
Pin
I2C Address Bit (pin_addr)
ID0
0
ID1
1
ID2
2
ID3
3
ID4
4
ID5
5
ID6
6
ID7
7 (don’t care in 7-bit mode)
ID8
8 (don’t care in 7-bit mode)
ID9
9 (don’t care in 7-bit mode)
Table 11 I2C Static Address Selection Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com