Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 80KSW0005
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 80KSW0005 Datasheet HTML 9Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 10Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 11Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 12Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 13Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 14Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 15Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 16Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
13 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
11.4 Data Packet Latency in “Cut-Through” Mode (Typical)
Note:
1. Values shown in Table 7 are typical for single input port to single output port with matching input and output port rates in “Cut-Through” mode, no other switch
loading. For specific values under other specific application usage scenarios and traffic conditions, please contact IDT technical support.
In “Store-and-Forward” mode and “Cut-Through” mode when trace and filter are enabled at the same time, only the latency for packets sending to the
trace port will increase by the time taken to send 20 bytes into the port (20bytes * 1/[port_speed * 0.8]) The latency for other traffic flow will be unaf-
fected.
11.5 Maintenance Packet Latency (Typical)
Note:
1. Values are guaranteed by characterization, but are not production tested.
11.6 Doorbell packet latency (Typical)
Note:
1. Values are guaranteed by characterization, but are not production tested.
Pay Load Size
1.25GHz
2.5GHz
3.125GHz
1X
4X
1X
4X
1X
4X
8 Byte
369 ns
322 ns
233 ns
217 ns
205 ns
195 ns
16 Byte
366 ns
320 ns
225 ns
217 ns
204 ns
197 ns
32 Byte
354 ns
320 ns
224 ns
218 ns
204 ns
195 ns
64 Byte
351 ns
322 ns
223 ns
220 ns
203 ns
196 ns
128 Byte
351 ns
318 ns
224 ns
218 ns
203 ns
196 ns
256 Byte
351 ns
317 ns
222 ns
216 ns
205 ns
195 ns
Table 7 Switch Latency Table (Cut-Through Mode)
1.25GHz
1.25GHz
2.5GHz
2.5GHz
3.125GHz
3.125GHz
Mode
1X
4X
1X
4X
1X
4X
Store-and-forward
571 ns
460 ns
395 ns
344 ns
352 ns
315 ns
Cut-Through
566 ns
449 ns
386 ns
334 ns
344 ns
315 ns
Table 8 Maintenance Packet (20 words) Latency
1.25GHz
1.25GHz
2.5GHz
2.5GHz
3.125GHz
3.125GHz
Mode
1X
4X
1X
4X
1X
4X
Store-and-forward
395 ns
323 ns
246 ns
225 ns
219 ns
208 ns
Cut-Through
378 ns
317 ns
230 ns
221 ns
209 ns
208 ns
Table 9 Doorbell Packet Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com