Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 80KSW0005
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 80KSW0005 Datasheet HTML 40Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 41Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 42Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 43Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 44Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 45Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 46Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 47Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
44 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
20 Pin Summary
Pin Name
Function
Supply
Interface
Pin Function Description
ADS
I2C(VDD, GND)
CMOS Input
I2C address width select. Set ADS = GND for 7-bit CPS-10Q slave address.
ADS = Vdd for 10-bit. NOTE: SUPPLY / LEVELS REQUIREMENTS ARE UNIQUE
FROM THE OTHER I2C PINS.
DNC
Do Not Connect. This pin should be left FLOATING. It should not be connected to any
other signal or power rail.
GND
Digital Ground
(CMOS)
Digital GND. All pins must be tied to single potential power supply ground plane.
GNDS
Analog Ground
(CMOS)
Analog GND. All pins must be tied to single potential ground supply plane.
ID0 - ID9
I2C(VDD, GND)
CMOS Input
I2C Slave ID addresses. This should be set statically to Vdd or GND at power-up.
NOTE: SUPPLY / LEVELS REQUIREMENTS ARE UNQUE FROM THE OTHER I2C
PINS.
MM
I2C(VDD, GND)
CMOS Input
Select the I2C Master or Slave mode. Logic high for Master mode
IRQ
Interrupt
(VDD3, GND)
CMOS Open
Drain Output
This is interrupt output pin whose value is given by the Error Management Block. Note:
This is an open drain and requires an external pull-up resistor.
REF_CLK +/- SERDES Clock
(VDD, GND)
CML Differential
Input
This clock is used as the 156.25 MHz reference for standard SERDES operation.
REXTN,
REXTP
Rext
External bias resistor. Rextn must be connected to Rextp with a 12k Ohm resistor. This
establishes the drive bias on the SERDES output. This provides CML driver stability
across process and temperature.
RST
Reset
(VDD3, GND)
CMOS Input
Global Reset. Sets all internal registers to default values. Resets all PLLs. Resets all
port configurations. This is a HARD Reset.
RX0+/- to
RX39+/-
sRIO Receive
(VDDS, GNDS)
RIO Differential
Input
Differential receiver inputs, Lanes 0 to 39
SCL
I2C(VDD3, GND)
CMOS Input
I2C Clock.
SDA
I2C(VDD3, GND)
CMOS IO
I2C Serial Data IO. Data direction is determined by the I2C Read/Write bit. See I2C sec-
tion for further detail.
SPD[1:0]
SPD
(VDD, GND)
CMOS Input
Speed Select Pins. These pins define sRIO port speed at RESET for all ports. The
RESET setting may be overridden by subsequent programming of the QUAD_CTRL
register. SPD[1:0] = {00 = 1.25G, 01 = 2.5G, 10 = 3.125G, 11 = RESERVED}. These
pins must remain STATICALLY BIASED after power-up.
TCK
JTAG
(VDD3, GND)
CMOS Input
JTAG Tap Port Clock
TDI
JTAG
(VDD3, GND)
CMOS Input
JTAG Tap Port Input
TDO
JTAG
(VDD3, GND)
CMOS output
JTAG Tap Port Output
TMS
JTAG
(VDD3, GND)
CMOS Input
JTAG Tap Port Mode Select
TRST
JTAG
(VDD3, GND)
CMOS Input
JTAG Tap Port Asynchronous Reset
TX0+/- to
TX39+/-
sRIO Transmit
(VDDS, GNDS)
RIO Differential
Output
Differential transmitter outputs, Lanes 0 to 39
VDD
1.2V Digital
Power (CMOS)
Digital VDD. All pins must be tied to single potential power supply plane.
VDD3
3.3V Digital
Power (CMOS)
Digital Interface VDD. All pins must be tied to single potential power supply plane.
Table 39 Pin Summary (Alphabetical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com