Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 80KSW0005
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 80KSW0005 Datasheet HTML 41Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 42Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 43Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 44Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 45Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 46Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 47Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 48Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
45 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
Note:
1. REF_CLK, RX and TX (differential input/output) are all CML based.
21 Package Specifications
Package Physical & Thermal Specifications
Package: Super FlipChip FCBGA (BR676)
Dimensions: 27 X 27 mm
Ball Count: 676
Ball Diameter: 0.6mm
Ball Pitch: 1.0 mm
Theta JA = {16.1 C/W @ 0m/s, 10.7 C/W @ 1m/s, 9.1 C/W @ 2m/s}
Theta JC = 0.2 C/W
VDDA
Analog Power
(CMOS)
Analog power. VDDS & VDDA may be tied to a common power plane. VDD (core, digital
supply) should have its own supply and plane.
VDDS
SERDES Power
(CMOS)
Analog power for TX/RX pairs. VDDS & VDDA may be tied to a common power plane.
VDD (core, digital supply) should have its own supply and plane.
Pin Name
Function
Supply
Interface
Pin Function Description
Table 39 Pin Summary (Alphabetical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com