Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 80KSW0005
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 80KSW0005 Datasheet HTML 13Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 14Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 15Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 16Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 17Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 18Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 19Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 20Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
17 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
Read/Write Figures
Figure 8 Write protocol with 10-bit Slave Address (ADS =1).
I2C writes to memory align on 32-bit word boundaries, thus the 24 address MSBs must be provided while the 2 LSB’s associated with word and byte
pointers are DON’T CARE and are therefore not transmitted.
Figure 9 Read Protocol with 10-bit Slave Address (ADS=1)
54
63
72
27
36
82
45
A
0
0
S
9
R=1 | W=0
Device
Address [9:8]
SLAVE ADDR
A
11
11
0 S A
Device
Address [7:0]
18
Memory
Address [23:18]
Memory
Address [17:10]
Memory
Address [9:2]
DATA
A
A
DATA
DATA
A
DATA
A
A
DATA
DATA
A
DATA
_
A
P
Input Data
[31:24]
Input Data
[23:16]
Input Data
[15:8]
Input Data
[7:0]
A
73
82
92
55
64
A
1
R=1 | W=0
Device
Address [9:8]
11
110 S A
Sr
DATA
A
A
DATA
DATA
A
DATA
_
A
P
Output Data
[31:24]
Output Data
[23:16]
Output Data
[15:8]
Output Data
[7:0]
27
36
45
A
0
0
S
9
R=1 | W=0
Device
Address [9:8]
SLAVE ADDR
A
11
11
0 S A
Device
Address [7:0]
18
Memory
Address [23:18]
Memory
Address [17:10]
Memory
Address [9:2]
DATA
A
A
DATA
DATA
A
_
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com