Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 80KSW0005
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 80KSW0005 Datasheet HTML 12Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 13Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 14Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 15Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 16Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 17Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 18Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 19Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
16 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
Signaling
Communication with the CPS-10Q on the I2C bus follows these three cases:
1) Suppose a master device wants to send information to the CPS-10Q:
– Master device addresses CPS-10Q (slave)
– Master device (master-transmitter), sends data to CPS-10Q (slave- receiver)
– Master device terminates the transfer
2) If a master device wants to receive information from the CPS-10Q:
– Master device addresses CPS-10Q (slave)
– Master device (master-receiver) receives data from CPS-10Q (slave- transmitter)
– Master device terminates the transfer.
3) If CPS-10Q polls configuration image from external memory
– CPS-10Q addresses the memory.
– Memory transmits the data.
– CPS-10Q gets the data.
All signaling is fully compliant with I2C. Full detail of signaling can be found in the Philips I2C specification [1]. Standard signaling and timing
waveforms are shown below.
Interfacing to Standard-, Fast-, and Hs-mode Devices
The CPS-10Q supports Fast / Standard (F/S) modes of operation. Per I2C specification, in mixed speed communication the CPS-10Q supports Hs-
and Fast-mode devices at 400 kbit/s, and Standard-mode devices at 100 kbit/s. Please refer to the I2C specification for detail on speed negotiation on
a mixed speed bus.
CPS-10Q-Specific Memory Access (Slave mode)
There is a CPS-10Q-specific I2C memory access implementation. This implementation is fully I2C compliant. It requires the memory address to be
explicitly specified during writes. This provides directed memory accesses through the I2C bus. Subsequent reads always begin at the address speci-
fied during the last write.
The write procedure requires the 3-Bytes (22-bits) of memory address to be provided following the device address. Thus, the following are required:
device address – one or two bytes depending on 10-bit / 7-bit addressing, memory address – 3 bytes yielding 22-bits of memory address, and a 32-bit
data payload – 4 byte words. To remain consistent with sRIO standard maintenance packet memory address convention, the I2C memory address
provided must be the 22MSBs. Since I2C writes to memory apply to double words (32-bits), the 2 LSBs are DON’T CARE as the LSBs correspond to
word and byte pointers.
The read procedure has the memory address section of the transfer removed. Thus, to perform a read, the proper access would be to perform a write
operation and issue a repeated start after the acknowledge bit following the third byte of memory address. Then, the master would issue a read
command selecting the CPS-10Q through the standard device address procedure with the R/W bit high. Note that in 10-bit device address mode
(ADS=1), only the two MSBs need be provided during this read. Data from the previously loaded address would immediately follow the device address
protocol. It is possible to issue a stop or repeated start anytime during the write data payload procedure, but must be before the final acknowledge (i.e.
canceling the write before the actual write operation is completed and performed). Also, the master would be allowed to access other devices attached
to the I2C bus before returning to select the CPS-10Q for the subsequent read operation from the loaded address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com