Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 80KSW0005
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 80KSW0005 Datasheet HTML 38Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 39Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 40Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 41Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 42Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 43Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 44Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 45Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
42 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
80KSW0005 Quad Type and Configuration
Speed Select (SPD[1:0])
There are 2 port speed select pins. These pins are used to chose the initial speed on sRIO ports. The selection table is given below:
At power-up the CPS-10Q is configured as a 16-port device. 8 ports are configured as x4 ports and 8 ports are configured as x1 ports with each link
running at 1.25, 2.5, or 3.125 Gbps (depending on the SPD[1:0] pins) on each link.
An end-point connected to the CPS-10Q can then reprogram all the ports to the desired configuration. All ports are configured as long run at start up
because it will allow the port to communicate to either a short run or long run port on the CPU.
Initialization of sRIO Switching
At the initialization all values in the route table are programmed as default route. But the CPS-10Q accepts maintenance packets. These maintenance
packets may be used to configure the device.
Lane#
Quad#
Quad
Type
Default
on
Reset
1x-Ports Only
Port
Numbering
4x-Ports Only
Port Numbering
3 - 0
0
Standard
Standard
0
0
7 - 4
1
Standard
Standard
1
1
11 - 8
2
Standard
Standard
2
2
15 - 12
3
Standard
Standard
3
3
16
4
Enhanced
Enhanced
4
4
17
5
18
6
19
7
23 - 20
5
Standard
Standard
8
5
27 - 24
6
Standard
Standard
9
6
31 - 28
7
Standard
Standard
10
7
35 - 32
8
Standard
Standard
11
8
36
9
Enhanced
Enhanced
12
9
37
13
38
14
39
15
Table 37 Reset Port Configuration
Value on the Pins
(SPD1, SPD0)
Ports Rate
00
1.25Gbps
01
2.5Gbps
10
3.125Gbps
11
Reserved
Table 38 Port Speed Selection Pin Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com