Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000D Datasheet(PDF) 10 Page - Pico Technology Ltd.

Part # 5000D
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

5000D Datasheet(HTML) 10 Page - Pico Technology Ltd.

Back Button 5000D Datasheet HTML 6Page - Pico Technology Ltd. 5000D Datasheet HTML 7Page - Pico Technology Ltd. 5000D Datasheet HTML 8Page - Pico Technology Ltd. 5000D Datasheet HTML 9Page - Pico Technology Ltd. 5000D Datasheet HTML 10Page - Pico Technology Ltd. 5000D Datasheet HTML 11Page - Pico Technology Ltd. 5000D Datasheet HTML 12Page - Pico Technology Ltd. 5000D Datasheet HTML 13Page - Pico Technology Ltd. 5000D Datasheet HTML 14Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
Most digital oscilloscopes gain their
high sampling rates by interleaving
multiple 8-bit ADCs. Despite careful
design, the interleaving process
introduces errors that always make
the dynamic performance worse than
the performance of the individual ADC
cores. The FlexRes architecture employs
multiple high-resolution ADCs at the input
channels in different time-interleaved and
parallel combinations to optimize either
the sampling rate to 1 GS/s at 8 bits, the
resolution to 16 bits at 62.5 MS/s, or other
combinations in between. Coupled with
high signal-to-noise ratio amplifiers and
a low-noise system architecture, FlexRes
technology enables PicoScope 5000D
Series oscilloscopes to capture and
display signals up to 200 MHz with a high
sampling rate, or lower-speed signals
with 256 times more resolution than
typical 8-bit oscilloscopes. Resolution
enhancement—a digital signal processing
technique built into PicoScope 6—can
further increase the effective vertical
resolution of the scope to 20 bits.
The PicoScope 6 software lets you choose
between setting the resolution manually
and leaving the scope in “auto resolution”
mode, where the optimal resolution is used
for the chosen settings.
Here at Pico, we’re proud of the dynamic
performance of our products. Careful
front-end design and shielding reduces
noise, crosstalk and harmonic distortion.
Over 25 years of high-resolution
oscilloscope design experience leads to
improved pulse response and bandwidth
flatness.
Sensitivity at 1:1 zoom is an impressive
2 mV/div at the full resolution of the
oscilloscope. If you need even more
sensitivity, simply switch to high-resolution
mode and zoom in. Combining 14-bit
mode and zoom can provide 200 µV/div
sensitivity while still providing more than
8 bits usable resolution.
FlexRes – how we do it
High signal integrity
PicoScope 5000D Series oscilloscopes feature a USB 3.0 connection, providing lightning-
fast saving of waveforms while retaining compatibility with older USB standards. The
PicoSDK software development kit supports continuous streaming to the host computer
at rates up to 125 MS/s.
SuperSpeed USB 3.0 connection
A
A
B
C
TIME-INTERLEAVED
PicoScope 5000D Series FlexRes
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
PARALLEL
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
TIMING
TIMING
D
A
n
A
n
B
n
C
n
D
n
A
n+1
A
n+2
A
n+3
A
n+4
A
n+5
A
n+6
A
n+7
A
A
B
C
TIME-INTERLEAVED
PicoScope 5000D Series FlexRes
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
PARALLEL
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
ADC
125 MS/s
TIMING
TIMING
D
A
n
A
n
B
n
C
n
D
n
A
n+1
A
n+2
A
n+3
A
n+4
A
n+5
A
n+6
A
n+7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com