Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000D Datasheet(PDF) 15 Page - Pico Technology Ltd.

Part # 5000D
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

5000D Datasheet(HTML) 15 Page - Pico Technology Ltd.

Back Button 5000D Datasheet HTML 11Page - Pico Technology Ltd. 5000D Datasheet HTML 12Page - Pico Technology Ltd. 5000D Datasheet HTML 13Page - Pico Technology Ltd. 5000D Datasheet HTML 14Page - Pico Technology Ltd. 5000D Datasheet HTML 15Page - Pico Technology Ltd. 5000D Datasheet HTML 16Page - Pico Technology Ltd. 5000D Datasheet HTML 17Page - Pico Technology Ltd. 5000D Datasheet HTML 18Page - Pico Technology Ltd. 5000D Datasheet HTML 19Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
PicoScope 5000D Series
Technical Specifications
PicoScope 5242D
and 5242D MSO
2-channel, 60 MHz
PicoScope 5442D
and 5442D MSO
4-channel, 60 MHz
PicoScope 5243D
and 5243D MSO
2-channel, 100 MHz
PicoScope 5443D
and 5443D MSO
4-channel, 100 MHz
PicoScope 5244D
and 5244D MSO
2-channel, 200 MHz
PicoScope 5444D
and 5444D MSO
4-channel, 200 MHz
Vertical (analog channels)
Analog input channels
2
4
2
4
2
4
Input type
Single-ended, BNC(f) connector
Bandwidth (–3 dB)
60 MHz
100 MHz[1]
200 MHz[1]
Rise time (calculated)
5.8 ns
3.5 ns[1]
1.75 ns[1]
Bandwidth limiter
20 MHz, selectable
Vertical resolution[2]
8, 12, 14, 15 or 16 bits
LSB size (quantization step size)[2]
8-bit mode:
< 0.6% of input range
12-bit mode:
< 0.04% of input range
14-bit mode:
< 0.01% of input range
15-bit mode:
< 0.005% of input range
16-bit mode:
< 0.0025% of input range
Enhanced vertical resolution
Hardware resolution + 4 bits
Input ranges
±10 mV to ±20 V full scale, in 11 ranges
Input sensitivity
2 mV/div to 4 V/div (10 vertical divisions)
Input coupling
AC / DC
Input characteristics
1 MΩ ±1% || 14 ±1 pF
Gain accuracy
12 to 16-bit modes:
±0.5% of signal ±1 LSB[3]
8-bit mode:
±2% of signal ±1 LSB[3]
Offset accuracy
±500 µV ±1% of full scale[3]
Offset accuracy can be improved by using the zero offset function in PicoScope 6.
Analog offset range
(vertical position adjust)
±250 mV (10, 20, 50, 100, 200 mV ranges)
±2.5 V (500 mV, 1 V, 2 V ranges)
±20 V (5, 10, 20 V ranges)
Analog offset control accuracy
±0.5% of offset setting, additional to basic DC offset accuracy
Overvoltage protection
±100 V (DC + AC peak)
[1]
In 16-bit mode, bandwidth reduced to 60 MHz and rise time increased to 5.8 ns.
[2]
On ±20 mV range, in 14 to 16-bit modes, hardware resolution reduced by 1 bit. On ±10 mV range, hardware resolution reduced by 1 bit in 12-bit mode, 2 bits in 14 to 16-bit modes.
[3]
Between 15 and 30 °C after 1 hour warm-up.
Vertical (digital channels) – D MSO models only
Input channels
16 channels (2 ports of 8 channels each)
Input connector
2.54 mm pitch, 10 x 2 way connector
Maximum input frequency
100 MHz (200 Mbit/s)
Minimum detectable pulse width
5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com