Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000D Datasheet(PDF) 19 Page - Pico Technology Ltd.

Part # 5000D
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

5000D Datasheet(HTML) 19 Page - Pico Technology Ltd.

Back Button 5000D Datasheet HTML 14Page - Pico Technology Ltd. 5000D Datasheet HTML 15Page - Pico Technology Ltd. 5000D Datasheet HTML 16Page - Pico Technology Ltd. 5000D Datasheet HTML 17Page - Pico Technology Ltd. 5000D Datasheet HTML 18Page - Pico Technology Ltd. 5000D Datasheet HTML 19Page - Pico Technology Ltd. 5000D Datasheet HTML 20Page - Pico Technology Ltd. 5000D Datasheet HTML 21Page - Pico Technology Ltd. 5000D Datasheet HTML 22Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
PicoScope 5000D Series
Technical Specifications
PicoScope 5242D
and 5242D MSO
2-channel, 60 MHz
PicoScope 5442D
and 5442D MSO
4-channel, 60 MHz
PicoScope 5243D
and 5243D MSO
2-channel, 100 MHz
PicoScope 5443D
and 5443D MSO
4-channel, 100 MHz
PicoScope 5244D
and 5244D MSO
2-channel, 200 MHz
PicoScope 5444D
and 5444D MSO
4-channel, 200 MHz
Arbitrary waveform generator
Update rate
200 MS/s
Buffer size
32 kS
Resolution
14 bits (output step size approx 0.25 mV)
Bandwidth (-3 dB)
> 20 MHz
Rise time (10% to 90%)
<10 ns (50 Ω load)
Other AWG specifications including sweep modes, triggering, frequency accuracy and resolution, voltage range, DC accuracy and output characteristics are as function generator.
Probe compensation pin
Output characteristics
600 Ω
Output frequency
1 kHz
Output level
3 V peak to peak, typical
Overvoltage protection
10 V
Spectrum analyzer
Frequency range
DC to 60 MHz
DC to 100 MHz
DC to 200 MHz
Display modes
Magnitude, average, peak hold
Y axis
Logarithmic (dBV, dBu, dBm, arbitrary dB) or linear (volts)
X axis
Linear or logarithmic
Windowing functions
Rectangular, Gaussian, triangular, Blackman, Blackman−Harris, Hamming, Hann, flat-top
Number of FFT points
Selectable from 128 to 1 million in powers of 2
Math channels
Functions
−x, x+y, x−y, x*y, x/y, x^y, sqrt, exp, ln, log, abs, norm, sign, sin, cos, tan, arcsin, arccos, arctan, sinh, cosh, tanh, delay, average, frequency,
derivative, integral, min, max, peak, duty, highpass, lowpass, bandpass, bandstop
Operands
A, B, C, D (input channels), T (time), reference waveforms, pi, D0−D15 (digital channels), constants
Automatic measurements
Scope mode
AC RMS, cycle time, DC average, duty cycle, edge count, fall time, falling edge count, falling rate, frequency, high pulse width, low pulse width,
maximum, minimum, negative duty cycle, peak to peak, rise time, rising edge count, rising rate, true RMS
Spectrum mode
Frequency at peak, amplitude at peak, average amplitude at peak, total power, THD %, THD dB, THD+N, SFDR, SINAD, SNR, IMD
Statistics
Minimum, maximum, average, standard deviation
DeepMeasure™
Parameters
Cycle number, cycle time, frequency, low pulse width, high pulse width, duty cycle (high), duty cycle (low), rise time, fall time, undershoot,
overshoot, max. voltage, min. voltage, voltage peak to peak, start time, end time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com