Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000D Datasheet(PDF) 18 Page - Pico Technology Ltd.

Part # 5000D
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

5000D Datasheet(HTML) 18 Page - Pico Technology Ltd.

Back Button 5000D Datasheet HTML 14Page - Pico Technology Ltd. 5000D Datasheet HTML 15Page - Pico Technology Ltd. 5000D Datasheet HTML 16Page - Pico Technology Ltd. 5000D Datasheet HTML 17Page - Pico Technology Ltd. 5000D Datasheet HTML 18Page - Pico Technology Ltd. 5000D Datasheet HTML 19Page - Pico Technology Ltd. 5000D Datasheet HTML 20Page - Pico Technology Ltd. 5000D Datasheet HTML 21Page - Pico Technology Ltd. 5000D Datasheet HTML 22Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
PicoScope 5000D Series
Technical Specifications
PicoScope 5242D
and 5242D MSO
2-channel, 60 MHz
PicoScope 5442D
and 5442D MSO
4-channel, 60 MHz
PicoScope 5243D
and 5243D MSO
2-channel, 100 MHz
PicoScope 5443D
and 5443D MSO
4-channel, 100 MHz
PicoScope 5244D
and 5244D MSO
2-channel, 200 MHz
PicoScope 5444D
and 5444D MSO
4-channel, 200 MHz
Maximum post-trigger delay
Zero to 4 billion samples, settable in 1 sample steps (delay range on fastest timebase of 0 to 4 s in 1 ns steps)
Trigger rearm time
8-bit mode, typical:
1 μs on fastest timebase
8 to 12-bit modes:
< 2 μs max on fastest timebase
14 to 16-bit modes:
< 3 μs max on fastest timebase
Maximum trigger rate
10 000 waveforms in a 10 ms burst, 8-bit mode
External trigger input – not MSO models
Connector type
Front panel BNC(f)
Trigger types
Edge, pulse width, dropout, interval, logic
Input characteristics
1 MΩ ±1% || 14 pF ±1.5 pF
Bandwidth
60 MHz
100 MHz
200 MHz
Threshold range
±5 V
External trigger threshold accuracy ±1% of full scale
External trigger sensitivity
200 mV peak to peak
Coupling
DC
Overvoltage protection
±100 V (DC + AC peak)
Function generator
Standard output signals
Sine, square, triangle, DC voltage, ramp up, ramp down, sinc, Gaussian, half-sine
Pseudorandom output signals
White noise, selectable amplitude and offset within output voltage range.
Pseudorandom binary sequence (PRBS), selectable high and low levels within output voltage range, selectable bit rate up to 20 Mb/s
Output frequency
0.025 Hz to 20 MHz
Sweep modes
Up, down, dual with selectable start / stop frequencies and increments
Triggering
Can trigger a counted number of waveform cycles or frequency sweeps (from 1 to 1 billion) from the scope trigger, external trigger (non-MSO
models only) or from software. Can also use the external trigger to gate the signal generator output.
Output frequency accuracy
Oscilloscope timebase accuracy ± output frequency resolution
Output frequency resolution
< 0.025 Hz
Output voltage range
±2 V
Output voltage adjustments
Signal amplitude and offset adjustable in approx 0.25 mV steps within overall ±2 V range
Amplitude flatness
< 1.5 dB to 20 MHz, typical
DC accuracy
±1% of full scale
SFDR
> 70 dB, 10 kHz full scale sine wave
Output resistance
50 Ω ±1%
Connector type
BNC(f)
Overvoltage protection
±20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com