Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000D Datasheet(PDF) 17 Page - Pico Technology Ltd.

Part # 5000D
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

5000D Datasheet(HTML) 17 Page - Pico Technology Ltd.

Back Button 5000D Datasheet HTML 13Page - Pico Technology Ltd. 5000D Datasheet HTML 14Page - Pico Technology Ltd. 5000D Datasheet HTML 15Page - Pico Technology Ltd. 5000D Datasheet HTML 16Page - Pico Technology Ltd. 5000D Datasheet HTML 17Page - Pico Technology Ltd. 5000D Datasheet HTML 18Page - Pico Technology Ltd. 5000D Datasheet HTML 19Page - Pico Technology Ltd. 5000D Datasheet HTML 20Page - Pico Technology Ltd. 5000D Datasheet HTML 21Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
PicoScope 5000D Series
Technical Specifications
PicoScope 5242D
and 5242D MSO
2-channel, 60 MHz
PicoScope 5442D
and 5442D MSO
4-channel, 60 MHz
PicoScope 5243D
and 5243D MSO
2-channel, 100 MHz
PicoScope 5443D
and 5443D MSO
4-channel, 100 MHz
PicoScope 5244D
and 5244D MSO
2-channel, 200 MHz
PicoScope 5444D
and 5444D MSO
4-channel, 200 MHz
Waveform buffer (no. of segments)
when using PicoSDK
(12 to 16 bits)
125 000
250 000
500 000
Initial timebase accuracy
±50 ppm (0.005%)
±2 ppm (0.0002%)
±2 ppm (0.0002%)
Timebase drift
±5 ppm/year
±1 ppm/year
±1 ppm/year
Sample jitter
3 ps RMS, typical
ADC sampling
Simultaneous on all enabled channels.
[4]
Any number of 8-bit digital ports can be used in 15-bit and 16-bit modes without affecting the maximum sampling rate.
[5]
Shared between enabled channels, PC dependent, available sample rates vary by resolution.
[6]
Shared between enabled channels.
[7]
Driver buffering up to available PC memory when using PicoSDK. No limit on duration of capture.
Dynamic performance (typical, analog channels)
Crosstalk
Better than 400:1 up to full bandwidth (equal voltage ranges).
Harmonic distortion
8-bit mode:
−60 dB at 100 kHz full scale input
12 to 16-bit modes:
−70 dB at 100 kHz full scale input
SFDR
8 to 12-bit modes:
60 dB at 100 kHz full scale input
14 to 16-bit modes:
70 dB at 100 kHz full scale input
Noise (on ±10 mV range)
8-bit mode:
120 μV RMS
12-bit mode:
110 μV RMS
14-bit mode:
100 μV RMS
15-bit mode:
85 μV RMS
16-bit mode:
70 μV RMS
Bandwidth flatness
(+0.3 dB, −3 dB) from DC to full bandwidth
Triggering (main specifications)
Source
Analog channels, plus: MSO models: Digital D0 to D15; other models: Ext trigger
Trigger modes
None, auto, repeat, single, rapid (segmented memory)
Advanced trigger types (analog
channels)
Edge, window, pulse width, window pulse width, dropout, window dropout, interval, runt, logic
Trigger types (analog channels,
ETS)
Rising or falling edge ETS trigger available on ChA only, 8-bit mode only
Trigger sensitivity (analog
channels)
Digital triggering provides 1 LSB accuracy up to full bandwidth of scope
Trigger sensitivity (analog channels,
ETS)
At full bandwidth: typical 10 mV peak to peak
Trigger types (digital inputs)
MSO models only: Edge, pulse width, dropout, interval, logic, pattern, mixed signal
Maximum pre-trigger capture
Up to 100% of capture size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com