Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000D Datasheet(PDF) 14 Page - Pico Technology Ltd.

Part # 5000D
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

5000D Datasheet(HTML) 14 Page - Pico Technology Ltd.

Back Button 5000D Datasheet HTML 10Page - Pico Technology Ltd. 5000D Datasheet HTML 11Page - Pico Technology Ltd. 5000D Datasheet HTML 12Page - Pico Technology Ltd. 5000D Datasheet HTML 13Page - Pico Technology Ltd. 5000D Datasheet HTML 14Page - Pico Technology Ltd. 5000D Datasheet HTML 15Page - Pico Technology Ltd. 5000D Datasheet HTML 16Page - Pico Technology Ltd. 5000D Datasheet HTML 17Page - Pico Technology Ltd. 5000D Datasheet HTML 18Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
Mixed-signal models
The PicoScope 5000 MSO models add 16 digital channels to the two or four analog channels, enabling you to accurately time-correlate analog and digital channels. Digital channels
may be grouped and displayed as a bus, with each bus value displayed in hex, binary or decimal or as a level (for DAC testing). You can set advanced triggers across both the analog
and digital channels.
The digital inputs also bring extra power to the serial decoding options. You can decode serial data on all analog and digital channels simultaneously, giving you up to 20 channels
of data – for example decoding multiple SPI, I²C, CAN bus, LIN bus and FlexRay signals all at the same time.
Oscilloscope
controls: PicoScope’s
full analog-domain
controls, including
zoom, filtering, and
function generator,
are all available in
MSO digital signal
mode.
Advanced triggers:
Additional Digital
and Logic trigger
options are available
for digital channels.
Rename: The digital
channels and groups
can be renamed.
You can expand or
collapse groups in
the digital view.
Rulers: Drawn
across both analog
and digital panes
so signal timings
can be compared.
Analog waveforms:
View analog
waveforms time-
correlated with digital
inputs.
Split-screen display: PicoScope can display
both analog and digital signals at the
same time. The split-screen display can be
adjusted to give more or less space to the
analog waveforms.
Digital channels button:
Set up and display digital
inputs. View analog and
digital signals on the
same timebase.
Groups:
Group bits
into fields and
optionally display
as an analog level.
Display format:
Display selected
bits individually or
as groups in binary,
hex or decimal
format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com