Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000D Datasheet(PDF) 20 Page - Pico Technology Ltd.

Part # 5000D
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

5000D Datasheet(HTML) 20 Page - Pico Technology Ltd.

Back Button 5000D Datasheet HTML 14Page - Pico Technology Ltd. 5000D Datasheet HTML 15Page - Pico Technology Ltd. 5000D Datasheet HTML 16Page - Pico Technology Ltd. 5000D Datasheet HTML 17Page - Pico Technology Ltd. 5000D Datasheet HTML 18Page - Pico Technology Ltd. 5000D Datasheet HTML 19Page - Pico Technology Ltd. 5000D Datasheet HTML 20Page - Pico Technology Ltd. 5000D Datasheet HTML 21Page - Pico Technology Ltd. 5000D Datasheet HTML 22Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
PicoScope 5000D Series
Technical Specifications
PicoScope 5242D
and 5242D MSO
2-channel, 60 MHz
PicoScope 5442D
and 5442D MSO
4-channel, 60 MHz
PicoScope 5243D
and 5243D MSO
2-channel, 100 MHz
PicoScope 5443D
and 5443D MSO
4-channel, 100 MHz
PicoScope 5244D
and 5244D MSO
2-channel, 200 MHz
PicoScope 5444D
and 5444D MSO
4-channel, 200 MHz
Serial decoding
Protocols
1-Wire, ARINC 429, CAN & CAN-FD, DALI, DCC, DMX512, Ethernet 10Base-T and 100Base-TX, FlexRay, I²C, I²S, LIN, PS/2, Manchester,
Modbus ASCII, Modbus RTU, SENT, SPI, UART (RS-232 / RS-422 / RS-485), USB 1.1
Mask limit testing
Statistics
Pass/fail, failure count, total count
Mask creation
User-drawn, table entry, auto-generated from waveform or imported from file
Display
Interpolation
Linear or sin(x)/x
Persistence modes
Digital color, analog intensity, custom, fast
Output file formats
bmp, csv, gif, animated gif, jpg, mat, pdf, png, psdata, pssettings, txt
Output functions
Copy to clipboard, print
General
PC connectivity
USB 3.0 SuperSpeed (USB 2.0 compatible)
Power requirements
2-channel models: powered from single USB 3.0 port
4-channel models: AC adaptor supplied. Can use 2 channels (plus MSO channels if fitted) powered by USB 3.0 or charging port supplying
1.2 A.
Dimensions
190 x 170 x 40 mm including connectors
Weight
< 0.5 kg
Temperature range
Operating: 0 to 40 °C
15 to 30 °C for quoted accuracy after 1 hour warm-up
Storage: –20 to +60 °C
Humidity range
Operating: 5 to 80 %RH non-condensing
Storage: 5 to 95 %RH non-condensing
Environment
Up to 2000 m altitude and EN 61010 pollution degree 2
Safety approvals
Designed to EN 61010-1:2010
EMC approvals
Tested to EN 61326-1:2013 and FCC Part 15 Subpart B
Environmental approvals
RoHS and WEEE compliant
Windows software
(32-bit or 64-bit)[8]
PicoScope 6, PicoLog 6, PicoSDK (Users writing their own apps can find example programs for all platforms on the Pico Technology
organization page on GitHub)
macOS software (64-bit)[8]
PicoScope 6 Beta (including drivers), PicoLog 6 (including drivers)
Linux software (64-bit)[8]
PicoScope 6 Beta software and drivers, PicoLog 6 (including drivers)
See Linux Software and Drivers to install drivers only
Raspberry Pi 4B
(Raspberry Pi OS)[8]
PicoLog 6 (including drivers)
See Linux Software and Drivers to install drivers only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com