Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000D Datasheet(PDF) 11 Page - Pico Technology Ltd.

Part # 5000D
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

5000D Datasheet(HTML) 11 Page - Pico Technology Ltd.

Back Button 5000D Datasheet HTML 7Page - Pico Technology Ltd. 5000D Datasheet HTML 8Page - Pico Technology Ltd. 5000D Datasheet HTML 9Page - Pico Technology Ltd. 5000D Datasheet HTML 10Page - Pico Technology Ltd. 5000D Datasheet HTML 11Page - Pico Technology Ltd. 5000D Datasheet HTML 12Page - Pico Technology Ltd. 5000D Datasheet HTML 13Page - Pico Technology Ltd. 5000D Datasheet HTML 14Page - Pico Technology Ltd. 5000D Datasheet HTML 15Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
Part numbers:
100 MHz probe
200 MHz probe
MSO cable
12 test clips
TA375
TA386
TA136
TA139
•
20-way 25 cm digital MSO cable
•
MSO test clips
TA139
logictest
clips,pack
of12
Your PicoScope 5000D Series oscilloscope kit contains the following items:
•
PicoScope 5000D Series oscilloscope
•
1 x TA155 Pico blue USB 3 cable 1.8 m
•
60 MHz models: 2/4 x TA375 probes
•
100 MHz models: 2/4 x TA375 probes
•
200 MHz models: 2/4 x TA386 probes
•
4-channel models: 1 x PS011 5 V 3.0 A PSU
•
MSO models: 1 x TA136 MSO cable
•
MSO models: 2 x TA139 set of MSO clips
•
Quick start guide
Kit contents and accessories
Probes, cables and clips
Your PicoScope 5000D Series oscilloscope kit comes with probes specifically trimmed
to match the performance of your oscilloscope.
MSO models are also supplied with an MSO cable and 20 test clips.
Our software development kit, PicoSDK,
allows you to write your own software
and includes drivers for Windows, macOS
and Linux. Example code supplied on our
GitHub organization page shows how to
interface to third-party software packages
such as National Instruments LabVIEW
and MathWorks MATLAB.
Amongst other features, the drivers
support data streaming, a mode that
captures continuous gap-free data directly
to your PC at rates of up to 125 MS/s,
so you are not limited by the size of your
scope’s capture memory. Sampling rates
in streaming mode are subject to PC
specifications and application loading.
There is also an active community of
PicoScope 6 users who share both code
and whole applications on our Test and
Measurement Forum and the PicoApps
section of the website. The Frequency
Response Analyzer shown here is one of
the most popular of these applications.
PicoSDK® - write your own apps
•
Oscilloscope probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com