Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000D Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # 5000D
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

5000D Datasheet(HTML) 2 Page - Pico Technology Ltd.

  5000D Datasheet HTML 1Page - Pico Technology Ltd. 5000D Datasheet HTML 2Page - Pico Technology Ltd. 5000D Datasheet HTML 3Page - Pico Technology Ltd. 5000D Datasheet HTML 4Page - Pico Technology Ltd. 5000D Datasheet HTML 5Page - Pico Technology Ltd. 5000D Datasheet HTML 6Page - Pico Technology Ltd. 5000D Datasheet HTML 7Page - Pico Technology Ltd. 5000D Datasheet HTML 8Page - Pico Technology Ltd. 5000D Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
Today’s electronic designs employ a wide
range of signal types: analog, digital,
serial (both high- and low-speed), parallel,
audio, video, power distribution and so on.
All need to be debugged, measured and
validated to ensure that the device under
test is functioning correctly and within
specification.
To handle this variety of signal types,
PicoScope 5000D Series FlexRes
oscilloscopes provide 8 to 16 bits of
vertical resolution, with up to 200 MHz
bandwidth and 1 GS/s sampling speed.
You select the most appropriate hardware
resolution for the requirements of each
measurement.
PicoScopes include advanced features
such as mask limit testing, serial
decoding, advanced triggering, automatic
measurements, math channels (including
the ability to plot frequency and duty cycle
against time), XY mode and segmented
memory. The PicoScope 5000D Series
also benefits from Pico’s award-winning
DeepMeasure™ feature and FlexRes
flexible resolution.
Other key features of the PicoScope
5000D Series include:
•
Deep capture memory – from 128
million to 512 million samples
•
2 or 4 analog channels
•
Mixed-signal models add 16 digital
channels
•
Serial decoding – analyze 20 protocols
(more in development)
•
USB 3.0 connection for continuous
high-speed data streaming
•
Small, light and portable
Supported by the free and regularly
updated PicoScope 6 software, these
devices offer an ideal, cost-effective
package for many applications, including
design, research, test, education, service
and repair.
Pico FlexRes flexible resolution
oscilloscopes allow you to reconfigure
the scope hardware to increase either the
sampling rate or the resolution.
This means you can reconfigure the
hardware to be either a fast (1 GS/s) 8-bit
oscilloscope for looking at digital signals
or a high-resolution 16-bit oscilloscope for
audio work and other analog applications.
Whether you’re capturing and decoding
fast digital signals or looking for distortion
in sensitive analog signals, FlexRes
oscilloscopes are the answer.
Introduction
What is FlexRes?
16-bit mode
8-bit mode
Flexible resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com