Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000D Datasheet(PDF) 4 Page - Pico Technology Ltd.

Part # 5000D
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

5000D Datasheet(HTML) 4 Page - Pico Technology Ltd.

  5000D Datasheet HTML 1Page - Pico Technology Ltd. 5000D Datasheet HTML 2Page - Pico Technology Ltd. 5000D Datasheet HTML 3Page - Pico Technology Ltd. 5000D Datasheet HTML 4Page - Pico Technology Ltd. 5000D Datasheet HTML 5Page - Pico Technology Ltd. 5000D Datasheet HTML 6Page - Pico Technology Ltd. 5000D Datasheet HTML 7Page - Pico Technology Ltd. 5000D Datasheet HTML 8Page - Pico Technology Ltd. 5000D Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
The PicoScope 6 DeepMeasure tool uses
deep memory to analyze every cycle
contained in each triggered waveform
acquisition. It displays the results in a
table, with the parameter fields shown in
columns and waveform cycles shown in
rows: you can easily sort the results by
any parameter and correlate them with the
waveform display, or export them as a CSV
file or spreadsheet for further analysis.
DeepMeasure calculates sixteen
parameters per cycle, including cycle
time, frequency, pulse width, duty cycle,
rise and fall time, overshoot, undershoot,
max voltage and min voltage. Parameters
include Start and end times relative to the
trigger are given for each cycle. The tool
can display up to a million cycles.
DeepMeasure
PicoScope 5000D Series oscilloscopes
have waveform capture memories
ranging from 128 megasamples to 512
megasamples – many times larger than
competing scopes. Deep memory enables
the capture of long-duration waveforms
at maximum sampling speed. In fact,
the PicoScope 5000D Series can capture
waveforms over 500 ms long with 1 ns
resolution. In contrast, the same 500 ms
waveform captured by an oscilloscope
with a 10 megasample memory would
have just 50 ns resolution.
Deep memory can be useful in other
ways too: PicoScope 6 lets you divide
the capture memory into a number of
segments, up to a maximum of 10 000.
You can set up a trigger condition to store
a separate capture in each segment,
with as little as 1 µs dead time between
captures. Once you have acquired the
data, you can step through the memory
one segment at a time until you find the
event you are looking for.
Powerful tools are included to allow you
to manage and examine all of this data.
As well as functions such as mask limit
testing and color persistence mode, the
PicoScope 6 software enables you to
zoom into your waveform by a factor
of several million. The Zoom Overview
window allows you to easily control the
size and location of the zoom area. Other
tools, such as the waveform buffer, serial
decoding and hardware acceleration
work with the deep memory, making the
PicoScope 5000D some of the most
powerful oscilloscopes on the market.
Deep capture memory
Many USB-powered oscilloscopes have
real-time sampling rates of only 100 or
200 MS/s, but the PicoScope 5000D
Series offers up to 1 GS/s, and a maximum
bandwidth of 200 MHz.
Equivalent time sampling (ETS) mode
can be used to further boost the effective
sampling rate to 10 GS/s for a more
detailed view of repetitive signals.
High bandwidth, high sampling rate
Ever spotted a glitch on a waveform, but
by the time you’ve stopped the scope it’s
gone? With PicoScope you no longer need
to worry about missing glitches or other
transient events, as it can store the last
10 000 waveforms in its circular waveform
buffer.
The buffer navigator provides an efficient
way of navigating and searching through
waveforms, effectively letting you turn
back time. When carrying out a mask limit
test, you can also set the navigator to
show only mask fails, enabling you to find
any glitches quickly.
Waveform buffer and navigator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com