Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7708 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV7708
Description  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV7708 Datasheet HTML 1Page - ON Semiconductor NCV7708 Datasheet HTML 2Page - ON Semiconductor NCV7708 Datasheet HTML 3Page - ON Semiconductor NCV7708 Datasheet HTML 4Page - ON Semiconductor NCV7708 Datasheet HTML 5Page - ON Semiconductor NCV7708 Datasheet HTML 6Page - ON Semiconductor NCV7708 Datasheet HTML 7Page - ON Semiconductor NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCV7708
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS
(−40
°C < TJ < 150°C, 5.5 V < VSx < 40 V, 3 V < VCC < 5.25 V, EN = VCC, unless otherwise specified)
Characteristic
Test Conditions
Min
Typ
Max
Unit
GENERAL
Supply Current (VS1 + VS2)
Sleep Mode
VS1 = VS2 = 13.2 V, VCC = CSB = 5 V,
EN = SI = SCLK = 0 V
−
1.0
5.0
mA
Supply Current (VS1)
Active Mode
EN = VCC, 5.5 V < VSx < 35 V
No Load
−
2.0
4.0
mA
Supply Current (VS2)
Active Mode
EN = VCC, 5.5 V < VSx < 35 V
No Load
−
0.5
1.0
mA
Supply Current (VCC) − Sleep Mode (Note 5)
Supply Current (VCC) − Active Mode
CSB = VCC, EN = SI = SCLK = 0 V
(−40
°C to 85°C)
EN = CSB = VCC, SI = SCLK = 0 V
−
−
1.0
1.5
2.5
3.0
mA
mA
VCC Power−On−Reset Threshold
2.60
2.80
3.00
V
VSx Undervoltage Detection Threshold
VSx decreasing
4.2
4.6
5.1
V
VSx Undervoltage Detection Hysteresis
100
−
400
mV
VSx Overvoltage Detection Threshold
VSx increasing
35.0
37.5
40.0
V
VSx Overvoltage Detection Hysteresis
1.5
3.5
5.5
V
Thermal Warning (Note 4)
120
145
170
°C
Thermal Warning Hysteresis (Note 4)
−
30
−
°C
Thermal Shutdown (Note 4)
155
175
195
°C
Ratio of Thermal Shutdown to Thermal Warning (Note 4)
1.05
1.20
−
−
OUTPUTS
Output High RDSon (source)
Iout = −500 mA
8 V < Vs < 40 V
8 V < Vs < 40 V, T = 25
°C
5.5 V < Vs
≤ 8 V
5.5 V < Vs
≤ 8 V, T = 25°C
−
−
−
−
−
0.8
−
2.0
2.0
1.3
4.0
−
W
Output Low RDSon (sink)
Iout = 500 mA
8 V < Vs < 40 V
8 V < Vs < 40 V, T = 25
°C
5.5 V < Vs
≤ 8 V
5.5 V < Vs
≤ 8 V, T = 25°C
−
−
−
−
−
0.8
−
2.0
2.0
1.2
4.0
−
W
Source Leakage Current
OUTH(1−6) = 0 V, VSx = 40 V, VCC = 5 V
OUTH(1−6) = 0 V, T = 25
°C, VCC = 5 V
−5.0
−1.0
−
−
−
−
mA
Sink Leakage Current
OUTL(1−6) = 34 V, VCC = 5 V
OUTL(1−6) = 34 V, VCC = 5 V, T = 25°C
−
−
−
−
5.0
1.0
mA
Overcurrent Shutdown Threshold (OUTHx)
VCC = 5 V, Vsx = 13.2 V
−1.9
−1.45
−1.0
A
Current Limit (OUTHx)
VCC = 5 V, Vsx = 13.2 V
−5.0
−3.0
−2.0
A
Overcurrent Shutdown Threshold (OUTLx)
VCC = 5 V, Vsx = 13.2 V
1.0
1.45
1.9
A
Overcurrent Shutdown Delay Time − Source
Overcurrent Shutdown Delay Time − Sink
VCC = 5 V, Vsx = 13.2 V
10
10
25
25
50
50
ms
4. Thermal characteristics are not subject to production test.
5. Production tested @ −40
°C, 125°C. Refer to graph 6 for VCC sleep current vs. temperature.
6. Refer to “Typical High−Side Negative Clamp Voltage Chart,” Figure 5
7. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com