Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7708 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV7708
Description  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV7708 Datasheet HTML 7Page - ON Semiconductor NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor NCV7708 Datasheet HTML 10Page - ON Semiconductor NCV7708 Datasheet HTML 11Page - ON Semiconductor NCV7708 Datasheet HTML 12Page - ON Semiconductor NCV7708 Datasheet HTML 13Page - ON Semiconductor NCV7708 Datasheet HTML 14Page - ON Semiconductor NCV7708 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCV7708
http://onsemi.com
11
Over Voltage Shutdown
Over voltage shutdown circuitry monitors the voltage on
the VS1 and VS2 pins. When the Over−voltage Threshold
voltage level has been breached on both or either one of the
VSx supply inputs, output bit 15 will be set and, if input bit
15 (OVLO) is set to 1, all outputs will turn off. Turn on/off
status is maintained in the logic circuitry. When proper input
voltage levels are re−established, the programmed outputs
will turn back on. Over−voltage shutdown can be disabled
by using the SPI input bit 15 (OVLO = 0).
Over Voltage Lock Out (OVLO) Shut Down
OVLO In-
put Bit 15
VSx OVLO
Condition
Output Data Bit 15 Power
Supply Fail (PSF) Status
OUTx Status
0
0
0
Unchanged
0
1
1 (Need SRR to reset)
Unchanged
1
0
0
Unchanged
1
1
1 (Need SRR to reset)
All Outputs Off (Remain off until VSx is out of OVLO)
Thermal Shutdown
Six independent thermal shutdown circuits are featured
(one common sensor for each HS and LS transistor pair).
Each sensor has two levels, one to give a Thermal Warning
(TW) and a higher one, Over Temperature, which will shut
the drivers off. When the part reaches the temperature point
of Thermal Warning, the output data bit 0 (TW) will be set
to a 1, and the outputs will remain on. With one or more
sensors detecting the over temperature level, all channels
will be turned off simultaneously. All outputs will return to
normal operation when the part thermally recovers
(Thermal toggling), because the over temperature shutdown
does not change the actual channel selection. The output
data bit 0, Thermal Warning, will latch and remain set, even
after cooling, and is reset by using a software command to
input bit 0 (SRR). Since thermal warning precedes a thermal
shutdown, software polling of this bit will allow for load
control and possible prevention of thermal shutdown
conditions.
Thermal
warning
information
can
be
retrieved
immediately without performing a complete SPI access
cycle. Figure 4 below displays how this is accomplished.
Bringing the CSB pin from a 1 to a 0 condition immediately
displays the information on the output data bit 0, thermal
warning, even in the absence of a SCLK signal. As the
temperature of the NCV7708 changes from a condition from
below the thermal warning threshold to above the thermal
warning threshold, the state of the SO pin changes and this
level is available immediately when the CSB goes to 0. A 0
on SO indicates there is no thermal warning, while a 1
indicates the IC is above the thermal warning threshold. This
warning bit is reset by using the input data bit 0, SRR.
Figure 4. Access to Temperature warning information shows the thermal information is available immediately
with activation of the CSB signal without having to toggle the SCLK line.
CSB
SCLK
SO
CSB
SCLK
SO
TWH
NTW
No Thermal Warning
Thermal Warning High
Tristate Level
Tristate Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com