Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7708 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCV7708
Description  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor NCV7708 Datasheet HTML 10Page - ON Semiconductor NCV7708 Datasheet HTML 11Page - ON Semiconductor NCV7708 Datasheet HTML 12Page - ON Semiconductor NCV7708 Datasheet HTML 13Page - ON Semiconductor NCV7708 Datasheet HTML 14Page - ON Semiconductor NCV7708 Datasheet HTML 15Page - ON Semiconductor NCV7708 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NCV7708
http://onsemi.com
13
Various copper areas used
for heat spreading
Active Area (red)
Lead #1
Lead #8 (one of 8 thermal leads)
Thermal Model
Package Construction
With and Without Mold Compound
Molded as 1/4 Symmetry
Figure 8.
qJA vs. Copper Spreader Area
COPPER AREA (mm2)
1000
300
200
100
0
40
50
60
70
80
90
110
400
700
600
500
800
900
100
1 oz
2 oz
100
10
1.0
0.1
0.01
TIME (sec)
0.000001
0.00001
0.0001
0.001
0.01
0.1
1.0
10
100
1000
Cu_Area = 239 mm2 1 oz
Figure 9. SOIC 28−Lead Single Pulse Heating Curve
Cu_Area = 986 mm2 1 oz 1 S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com