Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7708 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7708
Description  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7708 Datasheet HTML 1Page - ON Semiconductor NCV7708 Datasheet HTML 2Page - ON Semiconductor NCV7708 Datasheet HTML 3Page - ON Semiconductor NCV7708 Datasheet HTML 4Page - ON Semiconductor NCV7708 Datasheet HTML 5Page - ON Semiconductor NCV7708 Datasheet HTML 6Page - ON Semiconductor NCV7708 Datasheet HTML 7Page - ON Semiconductor NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCV7708
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Value
Unit
Power Supply Voltage (VS1, VS2)
(DC)
(AC), t < 500 ms, Ivsx > −2 A
−0.3 to 40
−1.0
V
Output Pin OUTHx
(DC)
(AC – inductive clamping)
−0.3 to 40
−8.0
V
Output Pin OUTLx
(DC)
(AC), t < 500 ms, IOUTLx > −2 A
External Clamp Voltage (Note 3)
−0.3 to 34
−1.0
48
V
Pin Voltage (Logic Input pins, SI, SCLK, CSB, SO, EN, VCC)
−0.3 to 7.0
V
Output Current (OUTL1, OUTL2, OUTL3, OUTL4, OUTL5, OUTL6, OUTH1, OUTH2, OUTH3, OUTH4,
OUTH5, OUTH6)
(DC) Vds = 12 V
(DC) Vds = 20 V
(DC) Vds = 40 V
(AC) Vds = 12 V, (50 ms pulse, 1 s period)
(AC) Vds = 20 V, (50 ms pulse, 1 s period)
(AC) Vds = 40 V, (50 ms pulse, 1 s period)
−1.5 to 1.5
−0.7 to 0.7
−0.25 to 0.25
−2.0 to 2.0
−0.9 to 0.9
−0.3 to 0.3
A
Electrostatic Discharge, Human Body Model, VS1, VS2, OUTx
4.0
kV
Electrostatic Discharge, Human Body Model, all other pins
2.0
kV
Electrostatic Discharge, Machine Model
200
V
Operating Junction Temperature
−40 to 150
°C
Storage Temperature Range
−55 to 150
°C
Moisture Sensitivity Level
MAX 235
°C Processing
3
−
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Thermal Parameters
Test Conditions
Typical Value
SOIC 28−pin Package
min−pad board
(Note 1)
1
″−pad board
(Note 2)
Junction−to−Lead (psi−JL8,
YJL8) or Pins 6−9, 20−23
10
11
°C/W
Junction−to−Ambient (RqJA, qJA)
73
56
°C/W
1. 1−oz copper, 240 mm2 copper area, 0.062
″ thick FR4.
2. 1−oz copper, 986 mm2 copper area, 0.062
″ thick FR4.
3. OUTLx must be protected against flyback voltages that exceed 48 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com