Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7708 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV7708
Description  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV7708 Datasheet HTML 2Page - ON Semiconductor NCV7708 Datasheet HTML 3Page - ON Semiconductor NCV7708 Datasheet HTML 4Page - ON Semiconductor NCV7708 Datasheet HTML 5Page - ON Semiconductor NCV7708 Datasheet HTML 6Page - ON Semiconductor NCV7708 Datasheet HTML 7Page - ON Semiconductor NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor NCV7708 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCV7708
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS
(−40
°C < TJ < 150°C, 5.5 V < VSx < 40 V, 3 V < VCC < 5.25 V, EN = VCC, unless otherwise specified)
Characteristic
Unit
Max
Typ
Min
Test Conditions
OUTPUTS
Current Limit (OUTLx)
VCC = 5 V, Vsx = 13.2 V
2.0
3.0
5.0
A
Under Load Detection Threshold (OUTLx)
VCC = 5 V, Vsx = 13.2 V
3.0
8.0
15
mA
Under Load Detection Threshold (OUTHx)
VCC = 5 V, Vsx = 13.2 V
−15
−6.0
−2.0
mA
Under Load Detection Delay Time
VCC = 5 V, Vsx = 13.2 V
200
350
600
ms
High−Side Clamping Voltage
I(OUTHx) = −50 mA
(Note 6)
−0.7
V
Power Transistor Body Diode Forward Voltage
If = 500 mA
0.9
1.3
V
Logic Inputs (EN, SI, SCLK, CSB)
Input Threshold − High
Input Threshold − Low
−
30
−
−
70
−
%VCC
Input Hysteresis
100
300
600
mV
Input Pulldown Current (EN, SI, SCLK)
Sleep Mode (SI, SCLK)
EN = SI = SCLK = VCC
EN = 0, SI = SCLK = VCC
5.0
10
10
50
50
100
mA
Input Pullup Current (CSB)
Sleep Mode
CSB = 0 V, EN = VCC
EN = 0 V, VCC = 5 V
−50
−100
−10
−50
−5.0
−10
mA
Input Capacitance (Note 7)
−
10
15
pF
Logic Output (SO)
Output High
Iout = 1 mA
VCC – 1.0
VCC – 0.7
−
V
Output Low
Iout = −1.6 mA
−
0.2
0.4
V
Tri−state Leakage
CSB = VCC, 0 V < SO < VCC
−10
−
10
mA
Tri−state Input Capacitance (Note 7)
CSB = VCC, 0 V < VCC < 5.25 V
−
10
15
pF
Timing Specifications
High Side Turn On Time
Vs = 13.2 V, Rload = 25 W
−
7.5
13
ms
High Side Turn Off Time
Vs = 13.2 V, Rload = 25 W
−
3.0
6.0
ms
Low Side Turn On Time
Vs = 13.2 V, Rload = 25 W
−
6.5
13
ms
Low Side Turn Off Time
Vs = 13.2 V, Rload = 25 W
−
2.0
5.0
ms
High Side Rise Time
Vs = 13.2 V, Rload = 25 W
−
4.0
8.0
ms
High Side Fall Time
Vs = 13.2 V, Rload = 25 W
−
2.0
3.0
ms
Low Side Rise Time
Vs = 13.2 V, Rload = 25 W
−
1.0
2.0
ms
Low Side Fall Time
Vs = 13.2 V, Rload = 25 W
−
1.0
3.0
ms
Non−Overlap Time
High Side Turn Off
To Low Side Turn On
1.5
−
−
ms
Non−Overlap Time
Low Side Turn Off
To High Side Turn On
2.5
−
−
ms
4. Thermal characteristics are not subject to production test.
5. Production tested @ −40
°C, 125°C. Refer to graph 6 for VCC sleep current vs. temperature.
6. Refer to “Typical High−Side Negative Clamp Voltage Chart,” Figure 5
7. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com