Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7708 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV7708
Description  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV7708 Datasheet HTML 1Page - ON Semiconductor NCV7708 Datasheet HTML 2Page - ON Semiconductor NCV7708 Datasheet HTML 3Page - ON Semiconductor NCV7708 Datasheet HTML 4Page - ON Semiconductor NCV7708 Datasheet HTML 5Page - ON Semiconductor NCV7708 Datasheet HTML 6Page - ON Semiconductor NCV7708 Datasheet HTML 7Page - ON Semiconductor NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 1
1
Publication Order Number:
NCV7708/D
NCV7708
Double Hex Driver
The NCV7708 is a fully protected Hex−Half Bridge−Driver
designed specifically for automotive and industrial motion control
applications. The six low and high side drivers are freely configurable
and can be controlled separately. This allows for high side, low side,
and H−Bridge control. H−Bridge control provides forward, reverse,
brake, and high impedance states. The drivers are controlled via a
standard SPI interface.
Features
• Ultra Low Quiescent Current Sleep Mode
• Six Independent High−Side and Six independent Low−Side Drivers
• Integrated Freewheeling Protection (LS and HS)
• Configurable as H−Bridge Drivers
• 0.5 A Continuous (1 A peak) Current
• RDSon = 0.8 W (typ)
• 5 MHz SPI Control
• Compliance with 5 V and 3.3 V Systems
• Overvoltage Lockout
• Undervoltage Lockout
• Fault Reporting
• Current Limit
• Over−temperature Protection
• Pb−Free Packages are Available*
Typical Applications
• Automotive
• Industrial
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping†
ORDERING INFORMATION
NCV7708DW
SOIC−28W
26 Units/Rail
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
PIN CONNECTIONS
SOIC−28
DW SUFFIX
CASE 751F
1
GND
GND
GND
GND
GND
GND
CSB
VS2
SCLK
OUTL4
SI
OUTH4
OUTL6
OUTH5
OUTH6
OUTL5
GND
GND
VCC
VS1
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NCV7708DWR2
SOIC−28W 1000/Tape & Reel
NCV7708
AWLYYWWG
EN
SO
OUTL1
OUTH1
OUTH3
OUTL3
OUTL2
OUTH2
NCV7708DWR2G
SOIC−28W
(Pb−Free)
1000/Tape & Reel
NCV7708DWG
SOIC−28W
(Pb−Free)
26 Units/Rail


Similar Part No. - NCV7708

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7708A ONSEMI-NCV7708A Datasheet
138Kb / 16P
Double Hex Driver
March, 2007 ??Rev. 0
NCV7708ADWG ONSEMI-NCV7708ADWG Datasheet
138Kb / 16P
Double Hex Driver
March, 2007 ??Rev. 0
NCV7708ADWR2G ONSEMI-NCV7708ADWR2G Datasheet
138Kb / 16P
Double Hex Driver
March, 2007 ??Rev. 0
NCV7708B ONSEMI-NCV7708B Datasheet
199Kb / 16P
Double Hex Driver
May, 2010 ??Rev. 1
NCV7708BDWR2G ONSEMI-NCV7708BDWR2G Datasheet
199Kb / 16P
Double Hex Driver
May, 2010 ??Rev. 1
More results

Similar Description - NCV7708

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6267 ROHM-BA6267 Datasheet
36Kb / 3P
Hex buffer / driver
logo
Infineon Technologies A...
TLE6208-6 INFINEON-TLE6208-6 Datasheet
563Kb / 23P
Hex-Half-Bridge / Double Six-Driver
2001-11-15
logo
ON Semiconductor
NCV7708A ONSEMI-NCV7708A Datasheet
138Kb / 16P
Double Hex Driver
March, 2007 ??Rev. 0
NCV7708B ONSEMI-NCV7708B Datasheet
199Kb / 16P
Double Hex Driver
May, 2010 ??Rev. 1
logo
Infineon Technologies A...
TLE6208-6G INFINEON-TLE6208-6G_07 Datasheet
709Kb / 25P
Hex-Half-Bridge / Double Six-Driver
2007-09-12
logo
ON Semiconductor
NCV7708E ONSEMI-NCV7708E Datasheet
131Kb / 16P
Double Hex Driver
June, 2014 ??Rev. 1
NCV7708F ONSEMI-NCV7708F Datasheet
156Kb / 22P
Double Hex Driver
November, 2015 ??Rev. 0
NCV7708F ONSEMI-NCV7708F_16 Datasheet
154Kb / 22P
Double Hex Driver
August, 2016 ??Rev. 2
NCV7708F ONSEMI-NCV7708F_17 Datasheet
154Kb / 22P
Double Hex Driver
January, 2017 ??Rev. 3
logo
Infineon Technologies A...
TLE6208-6G INFINEON-TLE6208-6G_13 Datasheet
640Kb / 25P
Hex-Half-Bridge / Double Six-Driver
2013-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com