Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7708 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7708
Description  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV7708 Datasheet HTML 3Page - ON Semiconductor NCV7708 Datasheet HTML 4Page - ON Semiconductor NCV7708 Datasheet HTML 5Page - ON Semiconductor NCV7708 Datasheet HTML 6Page - ON Semiconductor NCV7708 Datasheet HTML 7Page - ON Semiconductor NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor NCV7708 Datasheet HTML 10Page - ON Semiconductor NCV7708 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCV7708
http://onsemi.com
7
Serial Peripheral Interface
(VCC = 5 V)
Characteristic
Conditions
Timing
Chart #
Min
Typ
Max
Unit
SCLK Frequency
−
−
5.0
MHz
SCLK Clock Period
VCC = 5 V
VCC = 3.3 V
200
500
−
−
−
−
ns
Maximum Input Capacitance (Note 8)
SI, SCLK
−
−
−
12
pF
SCLK High Time
1
85
−
−
ns
SCLK Low Time
2
85
−
−
ns
SCLK Setup Time
3
4
85
85
−
−
−
−
ns
SI Setup Time
11
50
−
−
ns
SI Hold Time
12
50
−
−
ns
CSB Setup Time
5
6
100
100
−
−
−
−
ns
CSB High Time (Note 9)
7
200
−
−
ns
SO enable after CSB falling edge
8
−
−
50
ns
SO disable after CSB rising edge
9
−
−
50
ns
SO Rise Time
Cload = 40 pF
−
−
10
25
ns
SO Fall Time
Cload = 40 pF
−
−
10
25
ns
SO Valid Time
SCLK
↑ to SO 50%
10
−
20
50
ns
8. Not tested in production
9. This is the minimum time the user must wait between SPI commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com