Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7708 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV7708
Description  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV7708 Datasheet HTML 1Page - ON Semiconductor NCV7708 Datasheet HTML 2Page - ON Semiconductor NCV7708 Datasheet HTML 3Page - ON Semiconductor NCV7708 Datasheet HTML 4Page - ON Semiconductor NCV7708 Datasheet HTML 5Page - ON Semiconductor NCV7708 Datasheet HTML 6Page - ON Semiconductor NCV7708 Datasheet HTML 7Page - ON Semiconductor NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCV7708
http://onsemi.com
3
PIN DESCRIPTION
Pin No.
Symbol
Description
1
OUTL5
Output Low Side 5. Open drain output driver with internal reverse diode.
2
OUTH5
Output High Side 5. Open source output driver with internal reverse diode. Drain connected to VS2.
3
OUTH4
Output High Side 4. Open source output driver with internal reverse diode. Drain connected to VS2.
4
OUTL4
Output Low Side 4. Open drain output driver with internal reverse diode.
5
VS2
Voltage Power Supply input for the High−Side Output Drivers 4, 5, and 6.
6
GND
Ground.
7
GND
Ground.
8
GND
Ground.
9
GND
Ground.
10
VS1
Voltage Power Supply input for the High−Side Output Drivers 1, 2, and 3, All Six Low−Side Pre
Drivers, and All Six Charge Pumps.
11
OUTL3
Output Low Side 3. Open drain output driver with internal reverse diode.
12
OUTH3
Output High Side 3. Open source output driver with internal reverse diode. Drain connected to VS1.
13
OUTH2
Output High Side 2. Open source output driver with internal reverse diode. Drain connected to VS1.
14
OUTL2
Output Low Side 2. Open drain output driver with internal reverse diode.
15
OUTH1
Output High Side 1. Open source output driver with internal reverse diode. Drain connected to VS1.
16
OUTL1
Output Low Side 1. Open drain output driver with internal reverse diode.
17
EN
Enable. Input high wakes the IC up from a sleep mode.
18
SO
Serial Output. 16 bit serial communications output.
19
VCC
Power supply input for Logic.
20
GND
Ground.
21
GND
Ground.
22
GND
Ground.
23
GND
Ground.
24
CSB
Chip Select Bar. Active low serial port operation.
25
SCLK
Serial Clock. Clock input for use with SPI communication.
26
SI
Serial Input. 16 bit serial communications input.
27
OUTL6
Output Low Side 6. Open drain output driver with internal reverse diode.
28
OUTH6
Output High Side 6. Open source output driver with internal reverse diode. Drain connected to VS2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com