Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7708 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV7708
Description  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV7708 Datasheet HTML 5Page - ON Semiconductor NCV7708 Datasheet HTML 6Page - ON Semiconductor NCV7708 Datasheet HTML 7Page - ON Semiconductor NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor NCV7708 Datasheet HTML 10Page - ON Semiconductor NCV7708 Datasheet HTML 11Page - ON Semiconductor NCV7708 Datasheet HTML 12Page - ON Semiconductor NCV7708 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCV7708
http://onsemi.com
9
Figure 3. SPI Communication Frame Format
CSB
SI
SCLK
SO
OUTH4 OUTL5 OUTH5 OUTL6 OUTH6
OCD
ULD
OVLO
OUTH2 OUTL3 OUTH3 OUTL4
SRR
OUTL1 OUTH1 OUTL2
OUTH4 OUTL5 OUTH5 OUTL6 OUTH6
OLD
ULD
PSF
OUTH2 OUTL3 OUTH3 OUTL4
OUTL1 OUTH1 OUTL2
TW
The table below defines the programming bits and
diagnostic bits. Fault information is sequentially clocked out
the SO pin of the NCV7708 as programming information is
clocked into the SI pin of the device. Daisy chain
communication between SPI compatible IC’s is possible by
connection of the serial output pin (SO) to the input of the
sequential IC (SI).
Input Data
Bit
Number
Bit Description
Bit Status
15
Over Voltage Lock Out
Control (OVLO)
0 = Disable
1 = Enable
14
Under Load Detection Shut
Down Control (ULD)
0 = Disable
1 = Enable
13
Over Current Detection Shut
Down Control (OCD)
0 = Disable
1 = Enable
12
OUTH6
0 = Off
1 = On
11
OUTL6
0 = Off
1 = On
10
OUTH5
0 = Off
1 = On
9
OUTL5
0 = Off
1 = On
8
OUTH4
0 = Off
1 = On
7
OUTL4
0 = Off
1 = On
6
OUTH3
0 = Off
1 = On
5
OUTL3
0 = Off
1 = On
4
OUTH2
0 = Off
1 = On
3
OUTL2
0 = Off
1 = On
2
OUTH1
0 = Off
1 = On
1
OUTL1
0 = Off
1 = On
0
Status Register Reset (SRR)
0 = No Reset
1 = Reset
Output Data
Bit
Number
Bit Description
Bit Status
15
Power Supply Fail Signal
(OVLO or UVLO = PSF)
0 = No Fault
1 = Fault
14
Under Load Detect Signal
(ULD)
0 = No Fault
1 = Fault
13
Over Load Detect Signal
(OLD)
0 = No Fault
1 = Fault
12
OUTH6
0 = Off
1 = On
11
OUTL6
0 = Off
1 = On
10
OUTH5
0 = Off
1 = On
9
OUTL5
0 = Off
1 = On
8
OUTH4
0 = Off
1 = On
7
OUTL4
0 = Off
1 = On
6
OUTH3
0 = Off
1 = On
5
OUTL3
0 = Off
1 = On
4
OUTH2
0 = Off
1 = On
3
OUTL2
0 = Off
1 = On
2
OUTH1
0 = Off
1 = On
1
OUTL1
0 = Off
1 = On
0
Thermal Warning (TW)
0 = Not in TW
1 = In TW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com