Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7708 Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCV7708
Description  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor NCV7708 Datasheet HTML 10Page - ON Semiconductor NCV7708 Datasheet HTML 11Page - ON Semiconductor NCV7708 Datasheet HTML 12Page - ON Semiconductor NCV7708 Datasheet HTML 13Page - ON Semiconductor NCV7708 Datasheet HTML 14Page - ON Semiconductor NCV7708 Datasheet HTML 15Page - ON Semiconductor NCV7708 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
NCV7708
http://onsemi.com
14
Cu_Area = 986 mm2 1 oz 1 S
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.01
Figure 10. SOIC 28−Lead Thermal Duty Cycle Curves on 1
, Spreader Test Board
100
10
1.0
0.1
0.01
PULSE DURATION (sec)
0.000001
0.00001
0.0001
0.001
0.01
0.1
1.0
10
100
1000
SOIC 28−lead Thermal RC Network Models
239 mm2
986 mm2
239 mm2
986 mm2
Cu
Area
Cauer Network
Foster Network
C’s
C’s
Units
Tau
Tau
Units
2.68E−05
2.68E−05
W−s/C
1.00E−06
1.00E−06
sec
1.02E−04
1.02E−04
W−s/C
1.00E−05
1.00E−05
sec
2.82E−04
2.84E−04
W−s/C
1.00E−04
1.00E−04
sec
9.58E−04
9.73E−04
W−s/C
5.00E−04
5.00E−04
sec
2.72E−03
2.63E−03
W−s/C
1.00E−03
1.00E−03
sec
2.02E−03
1.95E−03
W−s/C
1.00E−02
1.00E−02
sec
2.93E−02
3.12E−02
W−s/C
8.00E−02
8.00E−02
sec
0.116
0.091
W−s/C
4.00E−01
4.00E−01
sec
0.16
0.21
W−s/C
2.00E+00
2.00E+00
sec
1
1
W−s/C
6.00E+01
5.50E+01
sec
R’s
R’s
R’s
R’s
0.048
0.048
°C/W
2.84E−02
2.84E−02
°C/W
0.115
0.115
°C/W
6.14E−02
6.14E−02
°C/W
0.352
0.349
°C/W
1.94E−01
1.94E−01
°C/W
0.777
0.776
°C/W
0.100
0.100
°C/W
0.599
0.630
°C/W
0.500
0.480
°C/W
1.677
1.667
°C/W
1.839
1.933
°C/W
2.968
3.151
°C/W
2.207
1.836
°C/W
6.424
5.527
°C/W
1.249
2.291
°C/W
6.940
6.689
°C/W
8.225
8.000
°C/W
53.503
36.970
°C/W
59.000
41.000
°C/W
Bold face items in the Cauer network above, represent the package without the external thermal system. The Bold face items
in the Foster network are computed by the square root of time constant R(t) = 28.4 * sqrt(time(sec)). The constant is derived
based on the active area of the device with silicon and epoxy at the interface of the heat generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com