Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9942BBCZ
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9942BBCZ Datasheet HTML 28Page - Analog Devices AD9942BBCZ Datasheet HTML 29Page - Analog Devices AD9942BBCZ Datasheet HTML 30Page - Analog Devices AD9942BBCZ Datasheet HTML 31Page - Analog Devices AD9942BBCZ Datasheet HTML 32Page - Analog Devices AD9942BBCZ Datasheet HTML 33Page - Analog Devices AD9942BBCZ Datasheet HTML 34Page - Analog Devices AD9942BBCZ Datasheet HTML 35Page - Analog Devices AD9942BBCZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AD9942
Rev. A | Page 33 of 36
OUTLINE DIMENSIONS
B
C
D
E
F
G
H
J
K
A
SEATING
PLANE
0.25 MIN
DETAIL A
0.55
0.50
0.45
BALL DIAMETER
COPLANARITY
0.12
0.80 BSC
7.20
BSC SQ
10 98 76 5 4 3 2 1
TOP VIEW
BALL A1
PAD CORNER
DETAIL A
1.40 MAX
0.65 MIN
A1 CORNER
INDEX AREA
9.10
9.00 SQ
8.90
COMPLIANT TO JEDEC STANDARDS MO-205-AB.
Figure 37. 100-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-100-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9942BBCZ1
−25°C to +85°C
100-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-1
AD9942BBCZRL1
−25°C to +85°C
100-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-1
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com