Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9942BBCZ
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9942BBCZ Datasheet HTML 24Page - Analog Devices AD9942BBCZ Datasheet HTML 25Page - Analog Devices AD9942BBCZ Datasheet HTML 26Page - Analog Devices AD9942BBCZ Datasheet HTML 27Page - Analog Devices AD9942BBCZ Datasheet HTML 28Page - Analog Devices AD9942BBCZ Datasheet HTML 29Page - Analog Devices AD9942BBCZ Datasheet HTML 30Page - Analog Devices AD9942BBCZ Datasheet HTML 31Page - Analog Devices AD9942BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD9942
Rev. A | Page 28 of 36
CHANNEL A AND CHANNEL B
VARIABLE GAIN AMPLIFIER
The VGA stage provides a gain range of 0 dB to 18 dB, pro-
grammable with 9-bit resolution through the serial digital
interface. A minimum gain of 6 dB is needed to match a 1 V
input signal with the ADC full-scale range of 2 V.
The VGA gain curve follows a linear-in-dB characteristic. The
exact VGA gain can be calculated for any gain register value by
using the equation
Gain (dB) = (0.035 × VGAGAIN Code)
where the code range is 0 to 511.
20
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
400
450
500
GAIN CODE (Decimal)
Figure 29. VGA Gain Curve
CHANNEL A AND CHANNEL B ADC
The AD9942 uses a high performance ADC architecture, opti-
mized for high speed and low power. Differential nonlinearity
(DNL) performance is typically better than 0.5 LSB. The ADC
uses a 2 V input range. See Figure 8 and Figure 9 for typical
linearity and noise performance plots for the AD9942.
CHANNEL A AND CHANNEL B CLPOB
The CLPOB loop is used to remove residual offsets in the signal
chain and to track low frequency variations in the CCD black
level. During the optical black (OB), or shielded, pixel interval
on each line, the ADC output is compared with a fixed black
level reference, selected by the user in the CLAMP LEVEL
register. The value can be programmed between 0 LSB and 255
LSB in 256 steps. The resulting error signal is filtered to reduce
noise, and the correction value is applied to the ADC input
through a digital-to-analog converter. Typically, the CLPOB
loop is turned on once per horizontal line, but this loop can be
updated more slowly to suit a particular application. If external
digital clamping is used during postprocessing, the AD9942
CLPOB can be disabled using Bit D2 in the OPRMODE register.
The CLAMP LEVEL register can be used to provide program-
mable offset adjustment even when the loop is disabled.
The CLPOB pulse should be placed during the CCD’s OB pixel
region. It is recommended that the CLPOB pulse duration be at
least 20 pixels wide to minimize clamp noise. Shorter pulse widths
can be used, but clamp noise might increase and the ability to
track low frequency variations in the black level is reduced. See
the Channel A and Channel B Horizontal Clamping and
Blanking section and the Applications Information section for
timing examples.
CHANNEL A AND CHANNEL B
DIGITAL DATA OUTPUTS
The AD9942 digital output data is latched using the
DOUTPHASE register value, as shown in Figure 28. (Output
data timing is shown in Figure 19 and Figure 20.) It is also possible
to leave the output latches transparent, so that the data outputs
are valid immediately from the ADC. Programming the AFE
Control Register Bit D4 to 1 sets the output latches transparent.
The data outputs can also be disabled (three-stated) by setting
the AFE Control Register Bit D3 to 1.
The data output coding is typically straight binary, but the
coding can be changed to gray coding by setting the AFE
Control Register Bit D5 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com