Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9942BBCZ
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9942BBCZ Datasheet HTML 4Page - Analog Devices AD9942BBCZ Datasheet HTML 5Page - Analog Devices AD9942BBCZ Datasheet HTML 6Page - Analog Devices AD9942BBCZ Datasheet HTML 7Page - Analog Devices AD9942BBCZ Datasheet HTML 8Page - Analog Devices AD9942BBCZ Datasheet HTML 9Page - Analog Devices AD9942BBCZ Datasheet HTML 10Page - Analog Devices AD9942BBCZ Datasheet HTML 11Page - Analog Devices AD9942BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD9942
Rev. A | Page 8 of 36
ABSOLUTE MAXIMUM RATINGS
Table 6. Ratings (X = A, B)
Parameter
Rating
AVDD_X and TCVDD_X to AVSS_X
−0.3 V to +3.9 V
HVDD_X and RGVDD_X to
HVSS_X and RGVSS_X
−0.3 V to +3.9 V
DVDD_X and DRVDD_X to
DVSS_X and DRVSS_X
−0.3 V to +3.9 V
Any VSS_X to Any VSS_X
−0.3 V to +0.3 V
Digital Outputs to DRVSS_X
−0.3 V to DRVDD + 0.3 V
SCK_X, SL_X, and SDATA_X to
DVSS_X
−0.3 V to DVDD + 0.3 V
RG_X to RGVSS_X
−0.3 V to RGVDD + 0.3 V
H1X to H4X to HVSS_X
−0.3 V to HVDD + 0.3 V
REFT_X, REFB_X, and CCDIN_X to
AVSS_X
−0.3 V to AVDD + 0.3 V
Junction Temperature
150°C
Lead Temperature (10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
100-lead, 9 mm × 9 mm, CSP_BGA package: θJA = 38.3°C/W1
1 θJA is measured using a 4-layer PCB with the exposed paddle soldered to the
board.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com