Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9942BBCZ
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZ Datasheet(HTML) 3 Page - Analog Devices

  AD9942BBCZ Datasheet HTML 1Page - Analog Devices AD9942BBCZ Datasheet HTML 2Page - Analog Devices AD9942BBCZ Datasheet HTML 3Page - Analog Devices AD9942BBCZ Datasheet HTML 4Page - Analog Devices AD9942BBCZ Datasheet HTML 5Page - Analog Devices AD9942BBCZ Datasheet HTML 6Page - Analog Devices AD9942BBCZ Datasheet HTML 7Page - Analog Devices AD9942BBCZ Datasheet HTML 8Page - Analog Devices AD9942BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD9942
Rev. A | Page 3 of 36
SPECIFICATIONS
GENERAL SPECIFICATIONS
X = A, B.
Table 1.
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
−25
+85
°C
Storage
−65
+150
°C
MAXIMUM CLOCK RATE
40
MHz
POWER SUPPLY VOLTAGE
AVDD_X, TCVDD_X (AFE, Timing Core)
2.7
3.0
3.6
V
HVDD_X (H1X to H4X Drivers)
2.7
3.0
3.6
V
RGVDD_X (RG_X Driver)
2.7
3.0
3.6
V
DRVDD_X (D0 to D13 Drivers)
2.7
3.0
3.6
V
DVDD_X (Digital)
2.7
3.0
3.6
V
POWER DISSIPATION FOR EACH CHANNEL
(40 MHz, 3 V Supplies, 100 pF H1X to H4X Loading, 10 pF RG_X Loading)
Power from AVDD_X
110
mW
Power from TCVDD_X
33
mW
Power from HVDD_X1
160
mW
Power from RGVDD_X
13
mW
Power from DRVDD_X
15
mW
Power from DVDD_X
40
mW
Total Shutdown Mode
2
mW
1 Total HVDD_X Power = [(CLOAD) × (HVDD_X) × (Pixel Frequency)] × (HVDD_X) × (Number of Horizontal Outputs Used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com