Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9942BBCZ
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9942BBCZ Datasheet HTML 22Page - Analog Devices AD9942BBCZ Datasheet HTML 23Page - Analog Devices AD9942BBCZ Datasheet HTML 24Page - Analog Devices AD9942BBCZ Datasheet HTML 25Page - Analog Devices AD9942BBCZ Datasheet HTML 26Page - Analog Devices AD9942BBCZ Datasheet HTML 27Page - Analog Devices AD9942BBCZ Datasheet HTML 28Page - Analog Devices AD9942BBCZ Datasheet HTML 29Page - Analog Devices AD9942BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD9942
Rev. A | Page 26 of 36
CHANNEL A AND CHANNEL B POWER-UP PROCEDURE
When the AD9942 is powered up, the following sequence is
recommended for Channel A and Channel B (see Figure 27 for
each step).
1.
Turn on the power supplies for the AD9942.
2.
Apply the master clock input, CLI_X, VD_X, and HD_X.
3.
Although the AD9942 contains an on-chip power-on reset,
a software reset of the internal registers is recommended.
Write a 1 to the SW_RST register (Address 0x10), which
resets all the internal registers to their default values. This
bit is self-clearing and is automatically reset to 0.
4.
Reset the Precision Timing core by writing a 0 to the
TGCORE_RSTB register (Address 0x12), then write a l to
the TGCORE_RSTB register. This starts the internal
timing core operation.
5.
Write a 1 to the PREVENTUPDATE register (Address 0x14).
This prevents an update of the serial register data.
6.
Write to the desired registers to configure high speed
timing and horizontal timing.
7.
Write a 3 to the [7:6] TESTMODE register (Address 0x00).
See Table 15.
8.
Write a 1 to the OUT_CONTROL register (Address 0x11).
This allows the outputs to become active after the next
VD_X/HD_X rising edge.
9.
Write a 0 to the PREVENTUPDATE register (Address 0x14).
This allows the serial information to be updated at the
next VD_X/HD_X falling edge. The next VD_X/HD_X
falling edge allows register updates, including updates of
OUT_CONTROL, to occur which enables all clock outputs.
VDD
(INPUT)
SERIAL
WRITES
VD_X
(OUTPUT)
1H
ODD FIELD
EVEN FIELD
...
...
DIGITAL
OUTPUTS
CLOCKS ACTIVE WHEN OUT_CONTROL REGISTER IS
UPDATED AT VD/HD EDGE
H1X/H3X, RG_X
H2X/H4X
tPWR
CLI_X
(INPUT)
HD_X
(OUTPUT)
1V
...
...
1
2
2
3
4
5
6
7
8
9
Figure 27. Recommended Power-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com