Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9942BBCZ
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9942BBCZ Datasheet HTML 14Page - Analog Devices AD9942BBCZ Datasheet HTML 15Page - Analog Devices AD9942BBCZ Datasheet HTML 16Page - Analog Devices AD9942BBCZ Datasheet HTML 17Page - Analog Devices AD9942BBCZ Datasheet HTML 18Page - Analog Devices AD9942BBCZ Datasheet HTML 19Page - Analog Devices AD9942BBCZ Datasheet HTML 20Page - Analog Devices AD9942BBCZ Datasheet HTML 21Page - Analog Devices AD9942BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD9942
Rev. A | Page 18 of 36
Table 14. CHN_A and CHN_B H1 to H4, RG, SHP, SHD Register Map
Address
Data Bit Content
Default (Hex)
Name
Description
60
[12:0]
01001
H1CONTROL
H1 signal control. Polarity [0] (0 = inversion; 1 = no inversion).
H1 positive edge location [6:1].
H1 negative edge location [12:7].
61
[12:0]
00801
RGCONTROL
RG signal control. Polarity [0] (0 = inversion; 1 = no inversion).
RG positive-edge location [6:1].
RG negative-edge location [12:7].
62
[14:0]
0
DRVCONTROL
Drive-strength control for H1X [2:0], H2X [5:3], H3X [8:6], H4X [11:9],
and RG_X [14:12].
Drive-current values: 0 = off, 1 = 4.3 mA, 2 = 8.6 mA, 3 = 12.9 mA,
4 = 17.2 mA, 5 = 21.5 mA, 6 = 25.8 mA, 7 = 30.1 mA.
63
[11:0]
00024
SAMPCONTROL
SHP/SHD sample control. SHP sampling location [5:0]. SHD sampling
location [11:6].
64
[5:0]
0
DOUTPHASE
DOUT phase control.
Table 15. CHN_A and CHN_B AFE Operation Register Detail
Address
Data Bit Content
Default (Hex)
Name
Description
00
[1:0]
0
PWRDOWN
0 = normal operation; 1 = reference standby; 2/3 = total power-down.
[2]
1
CLPENABLE
0 = disable CLPOB; 1 = enable CLPOB.
[3]
0
CLPSPEED
0 = select normal CLPOB settling; 1 = select fast CLPOB settling.
[4]
0
FASTUPDATE
0 = ignore VGA update; 1 = very fast clamping when VGA is updated.
[5]
0
PBLK_LVL
DOUT value during PBLK; 0 = blank to zero; 1 = blank to clamp level.
[7:6]
0
TEST MODE
Internal test mode. Should always be set = 3.
[8]
0
DCBYP
0 = enable dc restore circuit; 1 = bypass dc restore circuit during PBLK.
[9]
0
TESTMODE
Test operation only. Set = 0.
[11:10]
0
TESTMODE
Test operation only. Set = 0.
Table 16. CHN_A and CHN_B AFE Control Register Detail
Address
Data Bit Content
Default (Hex)
Name
Description
03
[1:0]
0
TESTMODE
Test operation only. Set = 0.
[2]
1
TESTMODE
Test operation only. Set = 0.
[3]
0
DOUTDISABLE
0 = data outputs are driven; 1 = data outputs are three-stated.
[4]
0
DOUTLATCH
0 = latch data outputs with DOUT phase; 1 = output latch transparent.
[5]
0
GRAYENCODE
0 = binary encode data outputs; 1 = gray encode data outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com