Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9942BBCZ
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9942BBCZ Datasheet HTML 1Page - Analog Devices AD9942BBCZ Datasheet HTML 2Page - Analog Devices AD9942BBCZ Datasheet HTML 3Page - Analog Devices AD9942BBCZ Datasheet HTML 4Page - Analog Devices AD9942BBCZ Datasheet HTML 5Page - Analog Devices AD9942BBCZ Datasheet HTML 6Page - Analog Devices AD9942BBCZ Datasheet HTML 7Page - Analog Devices AD9942BBCZ Datasheet HTML 8Page - Analog Devices AD9942BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD9942
Rev. A | Page 5 of 36
ANALOG SPECIFICATIONS
TMIN to TMAX, AVDD_X = DVDD_X = 3.0 V, fCLI = 40 MHz, typical timing specifications, unless otherwise noted. X = A, B.
Table 3.
Parameter
Min
Typ
Max
Unit
Notes
CDS
Gain
0
dB
Allowable CCD Reset Transient1
500
mV
Max Input Range Before Saturation
1.0
V p-p
Max CCD Black Pixel Amplitude
±100
mV
Measured at 12 dB VGA gain
(Typ = 70 mV at 15 dB and 50 mV at 18 dB)
VARIABLE GAIN AMPLIFIER (VGA_X)
Max Input Range
1.0
V p-p
Max Output Range
2.0
V p-p
Gain Control Resolution
512
Steps
Gain Monotonicity
Guaranteed
Gain Range
Min Gain (Code 0)
0
dB
Max Gain (Code 511)
18
dB
CLPOB
Clamp Level Resolution
256
Steps
4 LSB/step
Clamp Level
Measured at ADC output
Min Clamp Level
0
LSB
Max Clamp Level
1023
LSB
CHN_A AND CHN_B ADC
Differential Nonlinearity (DNL)
−1.0
± 0.5
+1.0
LSB
No Missing Codes
Guaranteed
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT_X)
2.0
V
Reference Bottom Voltage (REFB_X)
1.0
V
SYSTEM PERFORMANCE
Specifications include entire signal chain
VGA Gain Accuracy
Min Gain (Code 0)
−0.5
0
+0.5
dB
Max Gain (Code 511)
17.5
18
18.5
dB
Peak Nonlinearity, 500 mV Input Signal
0.15
%
12 dB gain applied
Total Output Noise
3
LSB rms
AC grounded input, 6 dB gain applied
Power Supply Rejection (PSR)
50
dB
Measured with step change on supply
1 Input signal characteristics defined as follows:
100mV MAX
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V MAX
INPUT SIGNAL RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com